Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1484AL-HS2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P1484AL-HS2-R
Description  3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1484AL-HS2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  P1484AL-HS2-R Datasheet HTML 1Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 2Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 3Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 4Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 5Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P1484A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R103-063.A
ABSOLUTE MAXIMUM RATING (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
-0.3~+23
V
Switch Node Voltage
VSW
25
V
All Other Pins
-0.3~+6
V
Continuous Power Dissipation (TA=25°C) (Note 2)
PD
1.4
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The maximum allowable power dissipation is a function of the maximum junction temperature TJ (MAX),
the junction-to-ambient thermal resistance θJA, and the ambient temperature TA. The maximum allowable
continuous power dissipation at any ambient temperature is calculated by PD (MAX)=(TJ (MAX) - TA)/ θJA.
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from
permanent damage.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
90
°C/W
Junction to Case
θJC
45
°C/W
Notes: Measured on JESD5 1-7, 4-layer PCB.
RECOMMENDED OPERATING CONDITIONS
Input Voltage
VIN
6~23
V
Output Voltage
VOUT
0.923~18
V
Ambient Operating Temperature
TOPR
-40~+85
°C
Notes: The device is not guaranteed to function outside of its operating conditions.
ELECTRICAL CHARACTERISTICS (VIN=12V, TA=+25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Current
VEN=2.0V, VFB=1.0V
3.5
5
mA
Feedback Voltage
VFB
6V ≤VIN ≤23V
0.900 0.923 0.946
V
High-Side Switch On Resistance (Note 1)
RDS(ON)1
70
mΩ
Low-Side Switch On Resistance (Note 1)
RDS(ON)2
50
mΩ
High-Side Switch Leakage Current
VEN=0V, VSW=0V
10
μA
Upper Switch Current Limit
Minimum Duty Cycle
3.4
A
Lower Switch Current Limit
From Drain to Source
1.1
A
COMP to Current Sense
Transconductance
GCS
5
A/V
Oscillation Frequency
FOSC1
305
340
375
KHz
Short Circuit Oscillation Frequency
FOSC2
VFB=0V
40
KHz
Maximum Duty Cycle
DMAX
VFB=1.0V
92
%
EN Shutdown Threshold Voltage
VEN Rising
0.8
1.2
2.0
V
Input Under Voltage Lockout Threshold
VIN Rising
4
V
Soft-Start Current
VSS=0V
15
μA
Thermal Shutdown (Note 1)
160
°C
Note: 1. Guaranteed by design, not tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com