Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1484AL-HS2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1484AL-HS2-R
Description  3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1484AL-HS2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  P1484AL-HS2-R Datasheet HTML 1Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 2Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 3Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 4Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 5Page - Unisonic Technologies P1484AL-HS2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1484A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-063.A
3A, 23V, 340KHZ
SYNCHRONOUS RECTIFIED
STEP-DOWN CONVERTER
DESCRIPTION
The UTC P1484A is a synchronous buck regulator. The
device provides3A of continuous load current over a wide input
voltage of 5V~23V. Current mode control provides fast transient
response and cycle-bycycle current limit. An adjustable soft-start
prevents inrush current at turn-on
The UTC P1484A can provide low-ripple power, high
efficiency, and perfect transient characteristics. The duty ratio
varies linearly from 0% to 92% in the PWM control. The error
amplifier circuit and soft-start circuit included in this device can
prevent overshoot at startup. An enable function, an over current
protect (OCP) function and short circuit protect (SCP) are also
build inside, and when OCP happens, the operation frequency
will be reduced.
FEATURES
* 3A Output Current
* Wide 6V~23V Operating Input Range
* Integrated Power MOSFET Switches
* Programmable Soft-Start
* Stable with Low ESR Ceramic Output Capacitors
* Fixed 340KHz Frequency
* Cycle-by-Cycle Over Current Protection
HSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
P1484AL-HS2-R
P1484AG-HS2-R
HSOP-8
Tape Reel
P1484AL-HS2-T
P1484AG-HS2-T
HSOP-8
Tube


Similar Part No. - P1484AL-HS2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484 Datasheet
254Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484G-S08-R UTC-P1484G-S08-R Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484G-S08-R UTC-P1484G-S08-R Datasheet
254Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484G-S08-T UTC-P1484G-S08-T Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results

Similar Description - P1484AL-HS2-R

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307_06 Datasheet
342Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 KEXIN-MP2307 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2307 MPS-MP2307_08 Datasheet
449Kb / 12P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com