Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2803G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SR2803G-S08-R
Description  330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SR2803G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SR2803G-S08-R Datasheet HTML 1Page - Unisonic Technologies SR2803G-S08-R Datasheet HTML 2Page - Unisonic Technologies SR2803G-S08-R Datasheet HTML 3Page - Unisonic Technologies SR2803G-S08-R Datasheet HTML 4Page - Unisonic Technologies SR2803G-S08-R Datasheet HTML 5Page - Unisonic Technologies SR2803G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SR2803
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R103-056.A
330KHZ, 3A SYNCHRONOUS
BUCK CONTROLLER
DESCRIPTION
The UTC SR2803 is a synchronous buck regulator. The device
provides 3A of continuous load current over a wide input voltage
of 4V~28V. Current mode control provides fast transient response
and cycle by cycle current limit. Integrates soft start, and
shutdown mode.
The UTC SR2803 can provide low-ripple power, high
efficiency, and perfect transient characteristics. The duty ratio
varies linearly from 0% to 92% in the PWM control. The error
amplifier circuit and soft-start circuit included in this device can
prevent overshoot at startup. An enable function, an over current
protect (OCP) function and short circuit protect (SCP) are also
build inside, and when OCP happens, the operation frequency
will be reduced.
FEATURES
* Input voltage varies from 4V ~ 28V
* Output voltage varies from 0.8V to VCC
* Duty ratio varies from 0% to 92% PWM control
* With 330kHz typical oscillation frequency
*
Thermal shutdown and SCP function and soft-start, current limit,
enable function
* Low ESR output capacitor(Multi-layer chip capacitor) application
* Halogen Free
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
SR2803L-S08-R
SR2803G-S08-R
SOP-8
Tape Reel


Similar Part No. - SR2803G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SR2803G-S08-R UTC-SR2803G-S08-R Datasheet
226Kb / 5P
330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - SR2803G-S08-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Taiwan Semiconductor Co...
TS2507 TSC-TS2507 Datasheet
372Kb / 9P
0.5A / 330KHz PWM Buck Controller
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
3A / 330KHz PWM Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
3A / 330KHz PWM Buck Converter
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
ISL78268 INTERSIL-ISL78268 Datasheet
1Mb / 33P
55V Synchronous Buck Controller with Integrated 3A Driver
December 12, 2014
logo
Renesas Technology Corp
ISL78268 RENESAS-ISL78268 Datasheet
1Mb / 34P
55V Synchronous Buck Controller with Integrated 3A Driver
logo
Unisonic Technologies
SR2803 UTC-SR2803_15 Datasheet
226Kb / 5P
330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com