Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431LLK-AE2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TL431LLK-AE2-R
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431LLK-AE2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TL431LLK-AE2-R Datasheet HTML 1Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 2Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 3Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 4Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 5Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TL431LL
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-072.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Cathode Voltage
VKA
40
V
Cathode Current Range (Continuous)
IKA
-100~150
mA
Reference Input Current Range
IREF
10
mA
Power Dissipation
PD
370
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Cathode Voltage
VKA
VREF~36
V
Cathode Current
IKA
0.05~100
mA
Operating Ambient Temperature Range
TA
-40~125
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
113
°С/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
Test
Circuit
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
0.5%
1
VREF
VKA=VREF, IKA=10mA
2.487 2.500 2.512
V
1.0%
2.475 2.500 2.525
V
Deviation of Reference Voltage
Over Full Temperature Range
1
∆VREF
VKA=VREF,
IKA=10mA
0~70°C
4.5
8
mV
-40~85°C
4.5
10
mV
-40~125°C
4.5
16
mV
Ratio of Change in Reference
Voltage to the Change in Cathode
Voltage
2
∆VREF
∆VKA
IKA=10mA
∆VKA=10V~VREF
-1.0
-2.7
mV/V
∆VKA=36V~10V
-0.5
-2.0
mV/V
Reference Current
2
IREF
IKA=10mA, R1=10kΩ,
R2=∞
0.035
0.5
µA
Deviation of Reference Current
Over Full Temperature Range
2
∆IREF
IKA=10mA, R1=10kΩ,
R2=∞, TA=-40~125°C
0.03
0.3
µA
Minimum Cathode Current for
Regulation
1
IKA (Min) VKA=VREF
10
50
µA
Off-state Cathode Current
3
IKA (Off) VKA=36V, VREF=0
0.05
1.0
µA
Dynamic Impedance
1
ZKA
VKA=VREF, IKA=1~100mA,
f≤1.0kHz
0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com