Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431LLK-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL431LLK-AE2-R
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431LLK-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL431LLK-AE2-R Datasheet HTML 1Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 2Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 3Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 4Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 5Page - Unisonic Technologies TL431LLK-AE2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL431LL
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-072.a
LOW CATHODE CURRENT
ADJUSTABLE PRECISION
SHUNT REGULATOR
DESCRIPTION
The UTC TL431LL is an adjustable shunt regulator with
three-terminal and thermal stable with full operation range. It
features include sharp turn-on characteristics, low output
impedance and low temperature coefficient, so Zener diode can
be replaced by UTC TL431LL in many applications, for example,
charger devices, switching power supply and other adjustable
regulators.
Any value between VREF (2.5V) and the corresponding
maximum cathode voltage (36V) can be set to by UTC TL431LL.
The UTC TL431LL is offered in two grade initial voltage
tolerance at 25°C, 0.5%, and 1%.
FEATURES
* High stability under capacitive load
* Programmable precise output voltage from 2.5V to 36V
* Sink current capacity from 50µA to 100mA
* Low minimum cathode current for regulation:
10µA (Typ.), 50µA (Max.)
* Low temperature deviation: 4.5mV typical
* Low output noise
* Wide operating range: -40°C~125°C
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
TL431LLK-AE2-R
TL431LLG-AE2-R
SOT-23-3
K
R
A
Tape Reel
Note: Pin Code: K: Cathode
R: Reference
A: Anode
MARKING
4CLL
L: Lead Free
G: Halogen Free


Similar Part No. - TL431LLK-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L Datasheet
238Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
TL431L UTC-TL431L Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Guangdong Youtai Semico...
TL431L UMW-TL431L Datasheet
695Kb / 13P
Adjustable Precision Shunt Regulator
logo
Unisonic Technologies
TL431L-AB3-6-R UTC-TL431L-AB3-6-R Datasheet
243Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
TL431L-AB3-R UTC-TL431L-AB3-R Datasheet
238Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - TL431LLK-AE2-R

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
ZXRE250 DIODES-ZXRE250 Datasheet
407Kb / 14P
VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_11 Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AP431I DIODES-AP431I Datasheet
445Kb / 17P
LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
AS431I DIODES-AS431I Datasheet
448Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
AP431S DIODES-AP431S Datasheet
524Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com