Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1671G-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM1671G-AG6-R
Description  LOW VOLTAGE OPERATING 75廓 DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM1671G-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM1671G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UM1671
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-827.a
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
7 (MAX.)
V
Power Dissipation
PD
200
mW
Storage Temperature
TSTG
-65~+150
°C
Operating Temperature
TOPR
-40~+85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Operating Voltage
VCCOP
2.8~5.5
V
Operating Temperature
TOPR
-40~+85
°C
ELECTRICAL CHARACTERISTICS (Except where noted otherwise, TA=25°C, VCC=3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Supply Current
ICC1
No Signal
7
10
mA
Supply Current
(At Power Save Mode)
ICC2
No Signal, PS: ON
1
µA
Power Save Terminal
Input Current
HIPSH
1PIN VH=2.8V
360
µA
LIPSL
1PIN VL=0.2V
18
µA
Power Save Terminal
Input Voltage
HVPSH
2.0
VCC
V
LVPSL
0.5
V
Input Terminal Voltage
VIN
4PIN
1.2
V
Output Terminal Voltage
VOUT
2PIN
0.15
0.3
0.45
V
Voltage Gain
GV
SIN Wave: 1V, f=100kHz
5.7
6.0
6.3
dB
Frequency Characteristic 1
fC1
SIN Wave: 1V, 6.75MHz/100kHz
-1.0
0
1.0
dB
Frequency Characteristic 2
fC2
SIN Wave: 1V, 27MHz/100kHz
-40
-27
dB
Differential Gain
DG
Staircase Signal 1V
0.7
1.5
%
Differential Phase
DP
Staircase Signal 1V
0.7
1.5
˚
Output Dynamic Range
DR
SIN Wave: 100kHz, THD=1.0%
2.2
2.4
V
S/N
SN
BW: 100k~6MHz
74
dB
Group Delay
t1
at 100kHz
50
80
ns
Group Delay
Δt1
to 3.58MHz
4
10
ns
to 4.43MHz
6
10
ns
to 6MHz
12
20
ns
SWITCH CONTROL TABLE
PS-PIN
POWER SAVE
H
OFF
L
ON
OPEN
ON



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com