Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1671G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM1671G-AG6-R
Description  LOW VOLTAGE OPERATING 75廓 DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM1671G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM1671G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UM1671G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM1671
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-827.a
LOW VOLTAGE OPERATING
75Ω DRIVER
DESCRIPTION
The UTC UM1671 is a low voltage operating 75Ω driver,
operating supply voltage from 2.8V to 5.5V. Including a
high-performance 4-order LPF, a available output gain built-in amp
and a sag auxiliary circuit, etc.
The UTC UM1671 is suitable for video signal output in devices
ranging from portable equipment such as digital still cameras to
stationary equipment such as DVD players.
FEATURES
* Supports 3V and 5V systems
* High-precision voltage gain
* Including a high-performance 4-order LPF, a available output gain
built-in amp and a sag auxiliary circuit
SOT-26
1
2
3
4
5
6
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UM1671L-AG6-R
UM1671G-AG6-R
SOT-26
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
UM1671G-AG6-R
(1)Packing Type
(2)Package Type
(3)Halogen Free
(1) R: Tape Reel
(2) AG6: SOT-26
(3) G: Halogen Free, L: Lead Free
MARKING INFORMATION


Similar Part No. - UM1671G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM1671G-AG6-R UTC-UM1671G-AG6-R Datasheet
215Kb / 6P
LOW VOLTAGE OPERATING DRIVER
More results

Similar Description - UM1671G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1671 MITSUMI-MM1671 Datasheet
77Kb / 12P
Low Voltage Operating 75hom Driver
logo
Anaren Microwave
0922B75-37A ANAREN-0922B75-37A Datasheet
729Kb / 4P
Xinger Balun 75廓 to 75廓 Balanced
B0922J7575A00 ANAREN-B0922J7575A00 Datasheet
213Kb / 5P
Ultra Low Profile 0805 Balun 75廓 to 75廓 Balanced
B0922J7575A50 ANAREN-B0922J7575A50 Datasheet
223Kb / 6P
Ultra Low Profile 0805 Balun 75廓 to 75廓 Balanced
PD0409J7575S2 ANAREN-PD0409J7575S2 Datasheet
223Kb / 6P
Ultra Low Profile 0805 Power Divider 75廓 to 75廓
PD0922J7575D2 ANAREN-PD0922J7575D2 Datasheet
227Kb / 6P
Ultra Low Profile 0805 Power Divider 75廓 to 75廓
logo
IC-Haus GmbH
IC-WE ICHAUS-IC-WE Datasheet
380Kb / 10P
3-CHANNEL 75 廓 LINE DRIVER
logo
Unisonic Technologies
M3366 UTC-M3366_11 Datasheet
202Kb / 6P
3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
logo
Anaren Microwave
PD0409J7575S2 ANAREN-PD0409J7575S2_14 Datasheet
229Kb / 7P
Ultra Low Profile 0805 Power Divider 75廓 to 75廓
logo
Unisonic Technologies
UM1671 UTC-UM1671_17 Datasheet
215Kb / 6P
LOW VOLTAGE OPERATING DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com