Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCV676AL-TN4-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCV676AL-TN4-R
Description  400mA LOW-DROP VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCV676AL-TN4-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCV676AL-TN4-R Datasheet HTML 1Page - Unisonic Technologies UCV676AL-TN4-R Datasheet HTML 2Page - Unisonic Technologies UCV676AL-TN4-R Datasheet HTML 3Page - Unisonic Technologies UCV676AL-TN4-R Datasheet HTML 4Page - Unisonic Technologies UCV676AL-TN4-R Datasheet HTML 5Page - Unisonic Technologies UCV676AL-TN4-R Datasheet HTML 6Page - Unisonic Technologies UCV676AL-TN4-R Datasheet HTML 7Page - Unisonic Technologies UCV676AL-TN4-R Datasheet HTML 8Page - Unisonic Technologies UCV676AL-TN4-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCV676/A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R102-051. B
400mA LOW-DROP VOLTAGE
REGULATOR
DESCRIPTION
The UTC UCV676/A is a low dropout voltage regulator with a
400mA output current used in harsh automotive environments. It
can be used in wide input voltage and operating temperature
ranges.
It has a high peak input voltage tolerance and reverse input
voltage protection. Built-in heat protection circuit, current limiting
circuit and inhibit control circuit. The UTC UCV676/A family is
available in TO-263-5 and TO-252-4 surface mount packages.
The output is stable over a wide output capacitance and ESR
range.
FEATURES
* 2.5V and 1.8V ±4% Output Voltage
* 3.3V, 5.0V, and Adjustable Voltage Version (from 2.5V~20V)
±4% or ±2% Output Voltage
* 400mA Output Current
* 500mV (max) Dropout Voltage (5.0V Output)
* Inhibit control input
* Very Low Current Consumption
* Fault Protection
- +45V Peak Transient Voltage
- Overcurrent
- Overheat
TO-252-4
1
1
TO-263-5
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCV676L-TQ5-R
UCV676G-TQ5-R
TO-263-5
Tape Reel
UCV676L-TQ5-T
UCV676G-TQ5-T
TO-263-5
Tube
UCV676AL-TQ5-R
UCV676AG-TQ5-R
TO-263-5
Tape Reel
UCV676AL-TQ5-T
UCV676AG-TQ5-T
TO-263-5
Tube
UCV676L-TN4-R
UCV676G-TN4-R
TO-252-4
Tape Reel
UCV676L-TN4-T
UCV676G-TN4-T
TO-252-4
Tube
UCV676AL-TN4-R
UCV676AG-TN4-R
TO-252-4
Tape Reel
UCV676AL-TN4-T
UCV676AG-TN4-T
TO-252-4
Tube
UCV676L-TN4-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube, R: Tape Reel
(2) TN4: TO-252-4, TQ5: TO-263-5
(3) L: Lead Free, G: Halogen Free


Similar Part No. - UCV676AL-TN4-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCV676AL-18-TQ5-R UTC-UCV676AL-18-TQ5-R Datasheet
301Kb / 10P
400mA LOW-DROP VOLTAGE REGULATOR
UCV676AL-18-TQ5-T UTC-UCV676AL-18-TQ5-T Datasheet
301Kb / 10P
400mA LOW-DROP VOLTAGE REGULATOR
UCV676AL-25-TQ5-R UTC-UCV676AL-25-TQ5-R Datasheet
301Kb / 10P
400mA LOW-DROP VOLTAGE REGULATOR
UCV676AL-25-TQ5-T UTC-UCV676AL-25-TQ5-T Datasheet
301Kb / 10P
400mA LOW-DROP VOLTAGE REGULATOR
UCV676AL-33-TQ5-R UTC-UCV676AL-33-TQ5-R Datasheet
301Kb / 10P
400mA LOW-DROP VOLTAGE REGULATOR
More results

Similar Description - UCV676AL-TN4-R

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4275 IKSEMICON-ILE4275 Datasheet
467Kb / 8P
5V/400mA Low Drop Voltage
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
UCV676 UTC-UCV676_18 Datasheet
301Kb / 10P
400mA LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com