Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA830 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button OPA830 Datasheet HTML 2Page - National Semiconductor (TI) OPA830 Datasheet HTML 3Page - National Semiconductor (TI) OPA830 Datasheet HTML 4Page - National Semiconductor (TI) OPA830 Datasheet HTML 5Page - National Semiconductor (TI) OPA830 Datasheet HTML 6Page - National Semiconductor (TI) OPA830 Datasheet HTML 7Page - National Semiconductor (TI) OPA830 Datasheet HTML 8Page - National Semiconductor (TI) OPA830 Datasheet HTML 9Page - National Semiconductor (TI) OPA830 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
6
TYPICAL CHARACTERISTICS: VS = ±5V
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 3).
6
3
0
−3
−6
−9
−12
−15
−18
NONINVERTING SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
600
V
O =0.2VPP
R
L =150Ω
See Figure 3
G= +1
R
F =0Ω
G= +2
G= +5
G= +10
9
6
3
0
−3
−6
−9
−12
NONINVERTING LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
10
100
500
V
O =4VPP
V
O =2VPP
V
O =1VPP
V
O =0.5VPP
G= +2V/V
R
L = 150Ω
SeeFigure3
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
NONINVERTING PULSE RESPONSE
Time (10ns/div)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
Large−Signal
± 1V
Right Scale
Small−Signal
± 100mV
Left Scale
G= +2V/V
SeeFigure3
3
0
−3
−6
−9
−12
−15
−18
INVERTING SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
110
100
400
V
O =0.2VPP
R
L =150Ω
G=
−2
G=
−10
G=
−1
G=
−5
3
0
−3
−6
−9
−12
−15
−18
INVERTING LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
10
100
400
G=
−1V/V
R
L =150Ω
V
O =2VPP
V
O =4VPP
V
O =1VPP
V
O =0.5VPP
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
INVERTING PULSE RESPONSE
Time (10ns/div)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
Large−Signal
± 1V
Right Scale
Small−Signal
± 100mV
Left Scale
G=
−1V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com