Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA830 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA830
Description  Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA830 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA830 Datasheet HTML 3Page - National Semiconductor (TI) OPA830 Datasheet HTML 4Page - National Semiconductor (TI) OPA830 Datasheet HTML 5Page - National Semiconductor (TI) OPA830 Datasheet HTML 6Page - National Semiconductor (TI) OPA830 Datasheet HTML 7Page - National Semiconductor (TI) OPA830 Datasheet HTML 8Page - National Semiconductor (TI) OPA830 Datasheet HTML 9Page - National Semiconductor (TI) OPA830 Datasheet HTML 10Page - National Semiconductor (TI) OPA830 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
OPA830
SBOS263F − AUGUST 2004 − REVISED AUGUST 2008
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 3).
−50
−55
−60
−65
−70
−75
−80
−85
HARMONIC DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
100
1000
f=5MHz
V
O =2VPP
G= +2V/V
See Figure 3
3rd−Harmonic
2nd−Harmonic
−55
−60
−65
−70
−75
−80
−85
−90
−95
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
f= 5MHz
R
L =500Ω
G= +2V/V
See Figure 3
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
TWO−TONE, 3RD−ORDER INTERMODULATION SPURIOUS
Single−Tone Load Power (2dBm/div)
−26
−20
−14
−8
−26
10MHz
5MHz
20MHz
750
Ω
OPA830
P
I
P
O
50
Ω
500
Ω
750
Ω
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
5MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Supply Voltage (
±V
S)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
O =2VPP
R
L =500Ω
G= +2V/V
SeeFigure3
2nd−Harmonic
3rd−Harmonic
Input Limited for V
CM =0V
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
3rd−Harmonic
R
L =150Ω
2nd−Harmonic
R
L = 150Ω
2nd−Harmonic
R
L =500Ω
3rd−Harmonic
R
L = 500Ω
V
O =2VPP
G= +2V/V
SeeFigure3
95
90
85
80
75
50
25
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
_C)
6.0
5.5
5.0
4.5
4.0
3.5
3.0
−50
−25
0
255075
100
125
Source/Sink Output Current
Left Scale
Supply Current
Right Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com