Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2832 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  OPA2832 Datasheet HTML 1Page - National Semiconductor (TI) OPA2832 Datasheet HTML 2Page - National Semiconductor (TI) OPA2832 Datasheet HTML 3Page - National Semiconductor (TI) OPA2832 Datasheet HTML 4Page - National Semiconductor (TI) OPA2832 Datasheet HTML 5Page - National Semiconductor (TI) OPA2832 Datasheet HTML 6Page - National Semiconductor (TI) OPA2832 Datasheet HTML 7Page - National Semiconductor (TI) OPA2832 Datasheet HTML 8Page - National Semiconductor (TI) OPA2832 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±5V
OPA2832
www.ti.com ............................................................................................................................................. SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008
Boldface limits are tested at +25C.
At TA = +25°C, G = +2V/V, and RL = 150Ω to GND, unless otherwise noted (see Figure 63).
OPA2832ID, IDGK
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(1)
+70°C(2)
+85°C(2)
UNITS
MAX
LEVEL(3)
AC PERFORMANCE (see Figure 63)
Small-Signal Bandwidth
G = +1, VO ≤ 0.5VPP
250
MHz
typ
V
G = +2, VO ≤ 0.5VPP
70
55
54
54
MHz
min
B
G = –1, VO ≤ 0.5VPP
85
57
56
55
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.5VPP
6
dB
typ
C
Slew Rate
G = +2, 2V Step
300
220
210
200
V/
µs
min
B
Rise Time
0.5V Step
5.6
5.8
6.0
6.0
ns
max
B
Fall Time
0.5V Step
5.6
5.8
6.0
6.0
ns
max
B
Settling Time to 0.1%
G = +2, 1V Step
45
63
65
66
ns
max
B
Harmonic Distortion
VO = 2VPP, 5MHz
2nd-Harmonic
RL = 150Ω
–64
–60
–58
–58
dBc
max
B
RL = 500Ω
–66
–63
–61
–61
dBc
max
B
3rd-Harmonic
RL = 150Ω
–57
–50
–49
–48
dBc
max
B
RL = 500Ω
–73
–64
–60
–57
dBc
max
B
Input Voltage Noise
f > 1MHz
9.2
nV/
√Hz
typ
C
Input Current Noise
f > 1MHz
2.2
pA/
√Hz
typ
C
NTSC Differential Gain
RL = 150Ω
0.10
%
typ
C
NTSC Differential Phase
RL = 150Ω
0.16
°
typ
C
DC PERFORMANCE(4)
Gain Error
G = +2
±0.3
±1.5
±1.6
±1.7
%
min
A
G = –1
±0.2
±1.5
±1.6
±1.7
%
max
B
Internal RF and RG
Maximum
400
455
460
462
Ω
max
A
Minimum
400
345
340
338
Ω
max
A
Average Drift
±0.1
±0.1
%/°C
max
B
Input Offset Voltage
±1.4
±7.5
±8.7
±9.3
mV
max
A
Average Offset Voltage Drift
—
±27
±27
µV/°C
max
B
Input Bias Current
+5.5
+10
+12
+13
µA
max
A
Input Bias Current Drift
—
±45
±45
nA/°C
max
B
Input Offset Current
±0.1
±1.5
±2
±2.5
µA
max
A
Input Offset Current Drift
—
±10
±10
nA/°C
max
B
INPUT
Negative Input Voltage Range
–5.4
–5.2
–5.0
–4.9
V
max
B
Positive Input Voltage Range
3.2
3.1
3.0
2.9
V
min
B
Input Impedance
Differential Mode
10 || 2.1
k
Ω || pF
typ
C
Common-Mode
400 || 1.2
k
Ω || pF
typ
C
OUTPUT
Output Voltage Swing
RL = 1kΩ to GND
±4.9
±4.8
±4.75
±4.75
V
max
A
RL = 150Ω to GND
±4.6
±4.5
±4.45
±4.4
V
max
A
Current Output, Sinking and Sourcing
±82
±63
±58
±53
mA
min
A
Short-Circuit Current
Output Shorted to Either Supply
120
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.2
Ω
typ
C
(1)
Junction temperature = ambient for +25°C specifications.
(2)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +5°C at high temperature limit for over
temperature specifications.
(3)
Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4)
Current is considered positive out of node.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com