Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2832 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2832
Description  Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2832 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button OPA2832 Datasheet HTML 8Page - National Semiconductor (TI) OPA2832 Datasheet HTML 9Page - National Semiconductor (TI) OPA2832 Datasheet HTML 10Page - National Semiconductor (TI) OPA2832 Datasheet HTML 11Page - National Semiconductor (TI) OPA2832 Datasheet HTML 12Page - National Semiconductor (TI) OPA2832 Datasheet HTML 13Page - National Semiconductor (TI) OPA2832 Datasheet HTML 14Page - National Semiconductor (TI) OPA2832 Datasheet HTML 15Page - National Semiconductor (TI) OPA2832 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
TYPICAL CHARACTERISTICS: VS = +5V
3
0
−3
−6
−9
−12
−15
Frequency (MHz)
1
10
100
400
G =
−1
G = +2
V
O = 0.2VPP
R
L = 150Ω
3
0
−3
−6
−9
−12
−15
Frequency (MHz)
1
10
100
300
V
O = 2VPP
V
O = 1VPP
V
O = 0.5VPP
G = +2V/V
R
L = 150Ω
See Figure 61
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
Time (10ns/div)
G = +2V/V
R
L = 150Ω
V
O = 0.2VPP
See Figure 61
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
Time (10ns/div)
G = +2V/V
R
L = 150Ω
V
O = 2VPP
See Figure 61
40
35
30
25
20
15
10
5
0
Capacitive Load (pF)
10
100
1k
1dB Peaking Targeted
3
0
−3
−6
−9
−12
−15
−18
Frequency (MHz)
1
10
100
300
C
L = 1000pF
C
L = 100pF
C
L = 10pF
RS
V
I
1 k
Ω(1)
C
L
NOTE: (1) 1k
Ω is optional.
1/ 2
O P A 2 832
OPA2832
SBOS327C – FEBRUARY 2005 – REVISED AUGUST 2008 ............................................................................................................................................. www.ti.com
At TA = +25°C, G = +2V/V, and RL = 150Ω to VCM = 2V, unless otherwise noted (see Figure 61).
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 19.
Figure 20.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 21.
Figure 22.
REQUIRED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 23.
Figure 24.
12
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com