Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4052CDR Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4052CDR
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052CDR Datasheet(HTML) 3 Page - National Semiconductor (TI)

  THS4052CDR Datasheet HTML 1Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 2Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 3Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 4Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 5Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 6Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 7Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 8Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
3
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
TA
NUMBER
OF
CHANNELS
PLASTIC
SMALL
OUTLINE†
PLASTIC MSOP†
(DGN)
CERAMIC DIP
(JG)
CHIP
CARRIER
EVALUATION
MODULE
CHANNELS
OUTLINE†
(D)
DEVICE
SYMBOL
(JG)
CARRIER
(FK)
MODULE
0
°C to 70°C
1
THS4051CD
THS4051CDGN
ACQ
—
—
THS4051EVM
0
°C to 70°C
2
THS4052CD
THS4052CDGN‡
ACE
—
—
THS4052EVM
−40
°C to 85°C
1
THS4051ID
THS4051IDGN
ACR
—
—
—
−40
°C to 85°C
2
THS4052ID
THS4052IDGN‡
ACF
—
—
—
−55
°C to 125°C
1
—
—
—
THS4051MJG
THS4051MFK
—
(1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4051CDGN).
‡ This device is in the Product Preview stage of development. Please contact your local TI sales office for availability.
FUNCTIONAL BLOCK DIAGRAM
OUT
8
6
1
IN−
IN+
2
3
Null
Figure 1. THS4051 − Single Channel
1OUT
1IN−
1IN+
VCC
2OUT
2IN−
2IN+
−VCC
Figure 2. THS4052 − Dual Channel
−100
−90
−80
−70
−60
−50
−40
T
OT
AL
HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - Hz
20M
10M
100k
1M
VCC = ± 15 V
Gain = 2
VO(PP) = 2 V
RL = 150 Ω
RL = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com