Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4052CDR Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4052CDR
Description  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052CDR Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button THS4052CDR Datasheet HTML 9Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 10Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 11Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 12Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 13Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 14Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 15Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 16Page - National Semiconductor (TI) THS4052CDR Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
13
TYPICAL CHARACTERISTICS
Figure 38
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
0
50
100 150 200 250 300 350 400
1-V STEP RESPONSE
t - Time - ns
VCC = ± 5 V
Gain = 2
RF = 2.7 kΩ
RL = 150 Ω
Figure 39
−3
−2
−1
0
1
2
3
0
50
100 150 200 250 300 350 400
5-V STEP RESPONSE
t - Time - ns
VCC = ± 5 V
Gain = −1
RF = 3.9 kΩ
RL = 150 Ω
Figure 40
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
0
50
100 150 200 250 300 350 400
1-V STEP RESPONSE
t - Time - ns
VCC = ± 15 V
Gain = 2
RF = 2.7 kΩ
RL = 150 Ω
−15
−10
−5
0
5
10
15
0
100
200
300
400
500
20-V STEP RESPONSE
t - Time - ns
VCC = ± 15 V
Gain = 5
RF = 2.7 kΩ
RL = 150 & 1 kΩ
Figure 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com