Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

621 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 621
Description  Metal Bodied Front Mountable LED Indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

621 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  621 Datasheet HTML 1Page - List of Unclassifed Manufacturers 621 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Brilliance by design
A-1
TM
VOLTS
CURRENT IN MILLIAMPS
5 VDC
10, 15, 20, 25 (MA)
12 VDC
10, 20 (MA)
24 VDC
10, 20 (MA)
28 VDC
10, 20 (MA)
ACTUAL SIZE
TYPE
WIDTH
HEIGHT
2 pt
.050
.060
6 pt
.060
.080
8 pt
.080
.110
10 pt
.090
.120
12 pt
.110
.160
The chart below designates type sizes available for hot stamping.
Size of lens determines size of type that can be used.
NOTE: For other size type, contact factory.
A1B
105-125
.03
1/25
25,000
220K
A1C
105-125
1.2
1/7
25,000
47K
A9A (NE-2E)
105-125
0.7
1/12
25,000
100K
C2A (NE-2H)
105-125
1.9
1/4
25,000
30K
LAMP with
RESISTOR
AMPS
NOMINAL
WATTS
NOMINAL
LIFE
RESISTOR
NOTE: A1C and NE-2H are high brightness. Other lamps available. Life figures for A.C. - Life at D.C. 1/2 A.C.
(Approx.). 862 Series cannot be supplied with resistor.
IMPORTANT: The lamps shown represent the most popular types normally requested.
MANYOTHER LAMPS ARE AVAILABLE - PLEASE CONTACT FACTORY.
VOLTS
A.C. or D.C.
(Used in 502, 857, 858, 859 and 862 Models)
LED Voltage & Current Options
Neon Lamp Electrical Specifications
Hot Stamping Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com