Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

621 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 621
Description  Metal Bodied Front Mountable LED Indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

621 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  621 Datasheet HTML 1Page - List of Unclassifed Manufacturers 621 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Brilliance by design
2-2
TM
Suggested mounting diameter 6mm
Metal Bodied
Front Mountable LED Indicator
HOW TO ORDER
Model 621 front mountable LED
indicator light. Available in all colors.
Metal thread body with 6" wire leads.
Reflector engineered to allow
maximum light distribution. For
panel mounting through 6mm
(0.236") dia. hole. Fits panel
thickness up to 5/32.
FEATURES
• Metal Body
• Long lasting, rugged LED
• Panel mount in 6mm (0.236")
diameter hole
• For panel thickness up to 5/32
• External resistor required
• 26 AWG stranded cu.
MODEL 621
MODEL 622
Model 622 front mountable LED
indicator light. Choice of Red,
Green or Amber colors. Relflector
engineered to allow maximum light
distribution. For panel mounting
through 6mm (0.236") dia. hole.
Fits panel thickness up to 5/32.
FEATURES
• Metal Body
• Long lasting, rugged LED
• Panel mount in 6mm (0.236")
diameter hole
• For panel thickness up to 5/32
• External resistor required
NOTE:
*For Voltage Specs, see page A-1
Suggested mounting diameter 6mm
Voltage
2vdc*
5vdc
12vdc
24vdc
28vdc
*external resistor
required
Model No.
621-2X
621-5X
621-12X
621-24X
621-28X
Where the 'X' appears insert:
1-Red
2-Green
3-Yellow
4-Amber
5-Ultra Green
6-Ultra Blue
7-Pure White


Similar Part No. - 621

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
621 OSCILENT-621 Datasheet
146Kb / 2P
Low Profile
logo
Keystone Electronics Co...
621 KEYSTONE-621 Datasheet
503Kb / 1P
THREADED MOUNTING BRACKETS
31-07 20th
logo
EDAC, All Rights Reserv...
621-009-260-010 EDAC-621-009-260-010 Datasheet
363Kb / 2P
621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
621-009-260-010 EDAC-621-009-260-010 Datasheet
88Kb / 1P
621 Series,D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
621-009-260-011 EDAC-621-009-260-011 Datasheet
363Kb / 2P
621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
More results

Similar Description - 621

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
G963B IDEA-G963B Datasheet
35Kb / 2P
LED Indicator
logo
Marl International Limi...
573-520-04 MARL-573-520-04 Datasheet
306Kb / 3P
Std Metal Panel Mount Indicator
570-320-04 MARL-570-320-04 Datasheet
413Kb / 3P
Std Metal Panel Mount Indicator
571-520-04 MARL-571-520-04 Datasheet
284Kb / 3P
Std Metal Panel Mount Indicator
572-320-04 MARL-572-320-04 Datasheet
290Kb / 3P
Std Metal Panel Mount Indicator
logo
Mean Well Enterprises C...
RCP-1600 MEANWELL-RCP-1600 Datasheet
200Kb / 6P
1600W Rack Mountable Front End Rectifier
DBR-3200 MEANWELL-DBR-3200 Datasheet
187Kb / 6P
3200W Rack Mountable Front End Battery Charger
DRP-3200 MEANWELL-DRP-3200 Datasheet
205Kb / 6P
3200W Rack Mountable Front End Rectifier
logo
Omron Electronics LLC
M2P OMRON-M2P Datasheet
1Mb / 15P
Large Rectangular-bodied Indicators
logo
Harvatek Corporation
B1591 HARVATEK-B1591 Datasheet
758Kb / 14P
Reverse Mountable with Dome LED
07/24/2017 Version 1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com