Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B06L-R24-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L16B06L-R24-T
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B06L-R24-T Datasheet(HTML) 5 Page - Unisonic Technologies

  L16B06L-R24-T Datasheet HTML 1Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 2Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 3Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 4Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 5Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 6Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 7Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 8Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
L16B06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 13
www.unisonic.com.tw
QW-R502-A45.a
MAXIMUM RATINGS (TA=25C, TJ=150C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Output Current
IOUT
70
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Input Clock Frequency
FDCK
25
MHz
Operating Temperature
TOPR
-40 ~ 85
C
Storage Temperature
TSTG
-55 ~ 150
C
RECOMMENDED OPERATING CONDITION
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3.3
5.0
5.5
V
Output Voltage
VOUT
Driver On
1.0
0.5×VDD
V
Output Voltage
VOUT
Driver Off
17
V
Output Current
IO
OUTn
5
60
mA
Input Voltage
VIH
VDD=3.3V ~ 5.5V
0.8×VDD
VDD
V
VIL
0.0
0.2×VDD
ELECTRICAL CHARACTERISTICS (VDD=5.0 V, TA=25C, unless otherwise specified)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Input Voltage “H” Level
VIH
CMOS logic level
0.8×VDD
VDD
V
Input Voltage “L” Level
VIL
CMOS logics2 level
GND
0.2×VDD
V
Output Leakage Current
IOL
VOH=17V
±1
µA
Output Voltage (DAO)
VOL
IOL=1.5mA
0.2
V
VOH
IOH=1.4mA
VDD-0.2
V
Output Current Skew
(Channel-to-Channel)
IOL1
VOUT=1.0V,
RREXT=2.2KΩ
±3
%
Output Current Skew
(Chip-to-Chip)
IOL2
±6
%
Output Voltage Regulation
% / VOUT
RREXT =2.2KΩ,
VOUT=1V ~ 3V
±0.1
±0.5
%/V
Supply Voltage Regulation
% / VDD
RREXT =2.2KΩ
±1
±4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com