Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B06L-R24-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L16B06L-R24-T
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B06L-R24-T Datasheet(HTML) 1 Page - Unisonic Technologies

  L16B06L-R24-T Datasheet HTML 1Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 2Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 3Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 4Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 5Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 6Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 7Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 8Page - Unisonic Technologies L16B06L-R24-T Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L16B06
CMOS IC
www.unisonic.com.tw
1 of 13
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A45.a
16-BIT CONSTANT CURRENT
LED DRIVER
DESCRIPTION
The L16B06 is a constant-current sink driver specifically
designed for LED display applications. The device incorporates shift
registers, data latches, and constant current circuitry on the silicon
CMOS chip. The maximum output current value of all 16 channels is
adjustable by a single external resistor.
FEATURES
*Constant-current outputs: 3mA to 60mA adjustable by one external
resistor
*Maximum output voltage: 17V
*Maximum clock frequency: 25MHz
*Power supply voltage: 3.3V to 5V
*In-rush current control
*Bit-to-bit skew: ±3%
Chip-to-chip skew: ±6%
*Package and pin assignment compatible to conventional LED
drivers
SSOP-24 (209mil)
APPLICATIONS
*Indoor/Outdoor LED Video Display
*LED Variable Message Signs (VMS) System
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L16B06L-R24-T
L16B06G-R24-T
SSOP-24
Tube
L16B06L-R24-R
L16B06G-R24-R
SSOP-24
Tape Reel


Similar Part No. - L16B06L-R24-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L16B06 UTC-L16B06 Datasheet
299Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06G-R24-R UTC-L16B06G-R24-R Datasheet
299Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
More results

Similar Description - L16B06L-R24-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
logo
SamHop Microelectronics...
SM16706 SAMHOP-SM16706 Datasheet
153Kb / 15P
16-BIT CONSTANT CURRENT LED DRIVER
logo
Agamem Microelectronic ...
AA1726 AGAMEM-AA1726 Datasheet
38Kb / 1P
16-bit Constant Current LED Driver
logo
Silan Microelectronics ...
SD16729P SILAN-SD16729P Datasheet
874Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
logo
Silicon Touch Technolog...
DM13A SITI-DM13A Datasheet
462Kb / 20P
16-bit Constant Current LED Driver
logo
Unisonic Technologies
L16B06 UTC-L16B06_15 Datasheet
339Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
L16B40 UTC-L16B40 Datasheet
245Kb / 7P
16-BIT CONSTANT CURRENT LED DRIVER
L16B06 UTC-L16B06_16 Datasheet
299Kb / 13P
16-BIT CONSTANT CURRENT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
16-bit constant current LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com