Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5107G-P16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L5107G-P16-R
Description  CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5107G-P16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L5107G-P16-R Datasheet HTML 1Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 2Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 3Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 4Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 5Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 6Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 7Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 8Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
L5107
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R125-026.A
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
NC
No Connection.
2
VIN
Power Input Pin. The external voltage supply is connected to this pin. A 4.7µF/50V
capacitor must be connected across this pin and GND.
3
EN
Enable Control Pin. Pull high to turn on. A 100kΩ resistor can be connected across this
pin and VIN.
4
PWMD
Dimming PWM Control Pin. Logic High terminates the output power. Logic Low starts
up the output power.
5
COMP
Error Amp Output Pin. A 10nF capacitor must be connected across this pin and GND
for external compensation.
6
IADJ
Output Feedback Pin. The reference is 0.25V.
7
FS
Timing Resistance Connection Pin. Connected to a Resistor to determine the operating
frequency.
8
AGND
Analog Ground.
9
NC
No Connection.
10
SYNC
Frequency Synchronize Pin. The UTC L5107 can be Connected together by this pin to
synchronize multiple converters.
11
IS
Current Sense Pin. Connected to external current sense resistor which in turn is
connected to the source of the external FET as well as an external slope compensation
resistor.
12
OVP
OVP Divider Connect Pin. Connect the top of the divider string to the output. If the load
is disconnected, the output voltage will rise until OVP reaches 1.25V and then will
regulate around this point.
13
PGND
Power Ground.
14
DRV
Drive Output. Connect to the gate of external FET.
15
VDD
VDD Filter Connect Pin. Connect a 10μF/10V capacitor to GND. It is also the positive
supply for the Driver. Do not connect an external load to this pin.
16
NC
No Connect.
EPAD
Connect to AGND.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com