Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5107G-P16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L5107G-P16-R
Description  CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5107G-P16-R Datasheet(HTML) 7 Page - Unisonic Technologies

  L5107G-P16-R Datasheet HTML 1Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 2Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 3Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 4Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 5Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 6Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 7Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 8Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
L5107
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R125-026.A
POWER TOPOLOGY(Cont.)
Output Over Voltage Protection (OVP)
The UTC L5107 provides an OVP circuitry with a reference value of 1.25V in order to protect the system from an
over voltage fault condition. This OVP point can be programmed through the use of external resistors (R1 and R2 in
Figure 2). This OVP voltage can be calculated using Equation 3:
Eq. (3)
2
2
1
OVP
R
)
R
(R
1.25
V
Current Limit
The UTC L5107 features a current limit protection feature to prevent any current runaway conditions. The current
limit circuitry monitors current on a pulse by pulse basis. It limits the current through the inductor by sensing the
voltage across RCS. When 0.45V is present at the IS pin, the pulse is truncated. The next pulse continues as
normally until the IS pin reaches 0.45V and it is truncated once again. This will continue until the output load is
decreased.
Select RCS using Equation 4:
Eq. (4)

PK_LIMIT
MIN
MAX
L
SW
IN
OUT
CS
I
F
L
D
V
-
V
0.45
R
Slope Compensation
The UTC L5107 requires slope compensation for the peak current mode controller. The UTC L5107 uses an
external resistor, RSLC for slope compensation. The ability to set the proper slope compensation through the use of a
single external component results in design flexibility. Select RSLC using Equation 5:
Eq. (5)
SW
CS
IN
OUT
SLC
F
Α
250
L
R
V
V
R
MIN
MAX
μ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com