Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8565L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L8565L-S08-R
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button L8565L-S08-R Datasheet HTML 2Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 3Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 4Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 5Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 6Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 7Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 8Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 9Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R114-004.d
FUNCTIONAL DESCRIPTION
1. General
The UTC L8565 is an active power factor correction controller for boost PFC application. The IC comes in DIP
package and is suitable for wide input range applications from 85 to 265 VAC. The IC is usually realized with boost
converters and it operates in continuous conduction mode with average current control.
The UTC L8565 operates with a cascaded control; the inner current loop and the outer voltage loop. The inner
current loop of the IC controls the sinusoidal profile for the average input current. It uses the dependency of the
PWM duty cycle on the line input voltage to determine the corresponding input current. This means the average
input current follows the input voltage as long as the device operates in CCM. Under light load condition, depending
on the choke inductance, the system may enter into discontinuous conduction mode (DCM). In DCM, the average
current waveform will be distorted but the resultant harmonics are still low enough to meet the Class D requirement
of IEC 1000-3-2. The outer loop controls the output voltage. Depending on the load condition, OTA1 establishes an
appropriate voltage at VCOMP pin which controls the amplitude of the average input current.
The UTC L8565 provides several protection features to ensure safe operating condition for both the system and
device. Important protection features are namely Brown-out protection, Current Limitation and Output Under-voltage
Protection.
2. Power Supply
The operating voltage range of the VCC is from 10V to 21V. An internal under voltage lockout (UVLO) block
monitors the VCC power supply. As soon as it exceeds 11.2V and the voltage at pin 1 (VSENSE) is >0.8V, the IC
begins operating its gate drive and performs its Soft-Start as shown in Fig. 3.
If VCC drops below 10.2V, the IC is off. The IC will then be consuming typically 200µA, whereas consuming 18mA
during normal operation.
The IC can be turned off and forced into standby mode by pulling down the voltage at pin 1 (VSENSE) to lower than
0.8V. The current consumption is reduced to 3mA in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com