Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8565L-S08-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # L8565L-S08-R
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565L-S08-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button L8565L-S08-R Datasheet HTML 5Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 6Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 7Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 8Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 9Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 10Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 11Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 12Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R114-004.d
FUNCTIONAL DESCRIPTION(Cont.)
8.2 Enhanced Dynamic Response
Due to the low frequency bandwidth of the voltage loop, the dynamic response is slow and in the range of about
several 10ms. This may cause additional stress to the bus capacitor and the switching transistor of the PFC in the
event of heavy load changes.
The IC provides therefore a “window detector” for the feedback voltage VVSENSE at pin 1 (VSENSE). Whenever
VVSENSE exceeds the reference value (5V) by ±5%, it will act on the nonlinear gain block which in turn affect the gate
drive duty cycle directly. This change in duty cycle is bypassing the slow changing VCOMP voltage, thus results in a
fast dynamic response of VOUT.
9. Output Gate Driver
The output gate driver is a fast totem pole gate drive. It has an in-built cross conduction currents protection and a
Zener diode Z1 (see Fig. 15) to protect the external transistor switch against undesirable over voltages. The
maximum voltage at pin 7 (GATE) is typically clamped at 11.5V.
The output is active HIGH and at VCC voltages below the under voltage lockout threshold VCCUVLO, the gate drive is
internally pull low to maintain the off state.
TYPICAL APPLICATION CIRCUIT
85...265VAC EMI-Filter
SWITCH
Auxiliary Supply
VCC
PFC-Controller
Protection Unit
Voltage Loop
Compensation
PWM Logic
Driver
Variable
Oscillator
Ramp
Generator
Nonlinear
Gain
Current Loop
Compensation
ISENSE
GATE
FREQ
ICOMP
VOUT
VSENSE
VCOMP
GND
UTC L8565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com