Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8565G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L8565G-S08-R
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L8565G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 4Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 6Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 7Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 8Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 13
www.unisonic.com.tw
QW-R114-004.d
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SYSTEM PROTECTION SECTION
Open Loop Protection (OLP)
VSENSE Threshold
VOLP
0.77 0.81 0.86
V
Peak Current Limitation (PCL)
ISENSE Threshold
VPCL
-1.15 -1.08 -1.00
V
Soft Over Current Control (SOC) ISENSE
Threshold
VSOC
-0.79 -0.73 -0.66
V
Output Under Voltage Detection (OUV)
VSENSE Threshold
VOUV
2.45 2.55 2.65
V
Output Over-Voltage Protection (OVP)
VOVP
5.12 5.25 5.38
V
CURRENT LOOP SECTION
OTA2 Transconductance Gain
GmOTA2 At Temp=25°C
0.9
1.1
1.3
mS
OTA2 Output Linear Range
IOTA2
Guaranteed by design
±50
µA
ICOMP Voltage during OLP
VICOMPF
VVSENSE=0.5V
3.6
4.0
V
VOLTAGE LOOP SECTION
OTA1 Reference Voltage
VOTA1
4.90 5.00 5.10
V
OTA1 Transconductance Gain
GmOTA1
31.5
42
52.5
µS
OTA1 Max. Source Current Under
Normal Operation
IOTA1SO
VVSENSE=4.25V, VVCOMP=4V
21
30
38
µA
OTA1 Max. Sink Current Under
Normal Operation
IOTA1SK
VVSENSE=6V, VVCOMP=4V
21
30
38
µA
Soft Start End
VSOFT
3.80 4.00 4.20
V
OTA1 Source Current Under Soft Start
IOTA1SS
VVSENSE=2V, VVCOMP=0V
8.0
10.8 13.4
µA
Enhanced Dynamic
Response
VSENSE High
VHi
5.12 5.25 5.38
V
VSENSE Low
VLo
4.63 4.75 4.87
V
VSENSE Input Bias Current At 5V
IVSEN5V
VVSENSE=5V
0
1.5
µA
VSENSE Input Bias Current at 1V
IVSEN1V
VVSENSE=1V
0
1
µA
VCOMP Voltage during OLP
VVCOMPF VVSENSE= 0.5V, IVCOMP=0.5mA
0
0.2
0.4
V
DRIVER SECTION
GATE Low Voltage
VGATEL
VCC=5V, IGATE=5mA
1.2
V
VCC=5V, IGATE=20mA
1.5
V
IGATE=0A
0.8
V
IGATE=20mA
1.6
2.0
V
IGATE=-20mA
-0.2
0.2
V
GATE High Voltage
VGATEH
VCC=20V, CL=4.7nF
11.5
V
VCC=11V, CL =4.7nF
10.5
V
VCC=VVCC(OFF)+0.2V, CL=4.7nF
7.5
V
GATE Rise Time
tR
VGATE=2V...9V, CL=4.7nF
20
ns
GATE Fall Time
tF
VGATE=9V...2V, CL=4.7nF
20
ns
GATE Current, Peak, Rising Edge
IGATE
CL=4.7nF (Note 3)
-1.5
A
GATE Current, Peak, Falling Edge
IGATE
CL=4.7nF (Note 3)
1.5
A
Notes: 1. Within the operating range the IC operates as described in the functional description.
2. The electrical characteristics involve the spread of values within the specified supply voltage and junction
temperature range TJ from -40°C to 125°C. Typical values represent the median values, which are related
to 25°C. If not otherwise stated, a supply voltage of VCC=15V is assumed for test condition.
3. Design characteristics (not meant for production testing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com