Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8565G-S08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # L8565G-S08-R
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565G-S08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button L8565G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 6Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 7Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 8Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 9Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 10Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 11Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 12Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 13
www.unisonic.com.tw
QW-R114-004.d
FUNCTIONAL DESCRIPTION(Cont.)
6.2 Current Loop Compensation
The compensation of the current loop is done at the ICOMP pin. This is the OTA2 output and a capacitor C3 has
to be installed at this node to ground (see Fig. 10). Under normal mode of operation, this pin gives a voltage which is
proportional to the averaged inductor current. This pin is internally shorted to 5V in the event of IC shuts down when
OLP and UVLO occur.
6.3 Pulse Width Modulation (PWM)
The IC employs an average current control scheme in continuous conduction mode (CCM) to achieve the power
factor correction.
Assuming the voltage loop is working and output voltage is kept constant, the off duty cycle DOFF for a CCM PFC
system is given as
OUT
IN
V
V
OFF =
D
From the above equation, DOFF is proportional to VIN. The objective of the current loop is to regulate the average
inductor current such that it is proportional to the off duty cycle DOFF, and thus to the input voltage VIN. Fig. 11 shows
the scheme to achieve the objective.
The PWM is performed by the intersection of a ramp signal with the averaged inductor current at pin 3 (ICOMP). The
PWM cycle starts with the Gate turn off for a duration of TOFF(MIN) (250ns typ.) and the ramp is kept discharged. The
ramp is then allowed to rise after TOFF(MIN) expires. The off time of the boost transistor ends at the intersection of the
ramp signal and the averaged current waveform. This results in the proportional relationship between the average
current and the off duty cycle DOFF.
Fig. 12 shows the timing diagrams of TOFF(MIN) and the PWM waveforms.
ramp profile
ave(IIN) at ICOMP
GATE
drive
t
Fig. 11 Average Current Control in CCM
6.4 Nonlinear Gain Block
The nonlinear gain block controls the amplitude of the regulated inductor current. The input of this block is the
voltage at pin VCOMP. This block has been designed to support the wide input voltage range (85-265VAC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com