Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB220 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PUSB220
Description  DUAL USB 2.0 INTEGRATED ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PUSB220 Datasheet(HTML) 1 Page - Unisonic Technologies

  PUSB220 Datasheet HTML 1Page - Unisonic Technologies PUSB220 Datasheet HTML 2Page - Unisonic Technologies PUSB220 Datasheet HTML 3Page - Unisonic Technologies PUSB220 Datasheet HTML 4Page - Unisonic Technologies PUSB220 Datasheet HTML 5Page - Unisonic Technologies PUSB220 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PUSB220
TVS
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R215-007.B
DUAL USB 2.0 INTEGRATED
ESD PROTECTION
DESCRIPTION
The UTC PUSB220 is a dual USB 2.0 integrated ESD
protection diode array. it uses UTC’s advanced technology to
provide customers with low leakage current, 4 ultra-low input
capacitance rail-to-rail ESD protection diodes and low clamping
voltage, etc.
The UTC PUSB220 is suitable for DVI, Ethernet and USB2.0,
etc.
FEATURES
* Low clamping voltage
* Low leakage current (Max.=100nA)
* Four ultra-low input capacitance (typical 1pF)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
PUSB220L-AG6-R
PUSB220G-AG6-R
SOT-26
Tape Reel
PUSB220L-AG6-R
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) R: Tape Reel
(2) AG6 : SOT-26
(3) L: Lead Free, G: Halogen Free
MARKING


Similar Part No. - PUSB220

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUSB220G-AG6-R UTC-PUSB220G-AG6-R Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
PUSB220L-AG6-R UTC-PUSB220L-AG6-R Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
PUSB220 UTC-PUSB220_15 Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
More results

Similar Description - PUSB220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
128Kb / 6P
Dual USB 2.0 Integrated ESD protection to IEC 61000-4-2 level 4
2005 January 05
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
USB 2.0 - ESD & Overcurrent Protection
logo
NXP Semiconductors
IP4220CZ6125 PHILIPS-IP4220CZ6125 Datasheet
227Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Unisonic Technologies
PUSB220 UTC-PUSB220_15 Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6_15 Datasheet
227Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Microchip Technology
USB3740B MICROCHIP-USB3740B Datasheet
197Kb / 19P
High Speed USB 2.0 Switch with ESD Protection
01/27/15
logo
NXP Semiconductors
IP4059CX5 NXP-IP4059CX5 Datasheet
97Kb / 9P
Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1-15 September 2011
logo
Nexperia B.V. All right...
IP4059CX5 NEXPERIA-IP4059CX5 Datasheet
329Kb / 10P
Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1 - 15 September 2011
IP4220CZ6 NEXPERIA-IP4220CZ6 Datasheet
905Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5 - 8 July 2011
IP4223CZ6 NEXPERIA-IP4223CZ6 Datasheet
222Kb / 10P
Dual USB 2.0 integrated ESD protection
Rev. 1 - 17 October 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com