Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4223CZ6 Datasheet (PDF) - Nexperia B.V. All rights reserved

IP4223CZ6 Datasheet PDF - Nexperia B.V. All rights reserved
Part # IP4223CZ6
Download  IP4223CZ6 Download
File Size   222.57 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual USB 2.0 integrated ESD protection

IP4223CZ6 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP4223CZ6 Datasheet PDF - Nexperia B.V. All rights reserved

Part # IP4223CZ6
Download  IP4223CZ6 Click to download

File Size   222.57 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual USB 2.0 integrated ESD protection

IP4223CZ6 Datasheet (HTML) - Nexperia B.V. All rights reserved


IP4223CZ6 Product details

1.1 General description
The IP4223CZ6 is designed to protect I/O lines sensitive to capacitive load, such as
USB 2.0, ethernet, Digital Video Interface (DVI) and so on, from damage due to
ElectroStatic Discharge (ESD). It incorporates four pairs of ultra low capacitance rail-to-rail
ESD protection diodes plus a Zener diode to provide protection to signal and supply
components from ESD voltages up to 8 kV contact discharge. Protection is supply
voltage independent due to the rail-to-rail diodes being connected to the Zener diode.
The device is encapsulated in a small 6-lead SOT457 (SC-74) Surface-Mounted
Device (SMD) plastic package.
1.2 Features and benefits
 Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (Dark Green compliant)
 ESD protection up to 8 kV contact discharge; IEC 61000-4-2, level 4 compliant
 Four pairs of ultra low input capacitance (C(I/O-GND) = 1.5 pF) ESD rail-to-rail protection
diodes
 Low voltage clamping due to integrated Zener diode
 Small 6-lead TSOP6 (SOT457) SMD package
1.3 Applications
 General-purpose downstream ESD protection for high-frequency analog signal ports
and high-speed serial data transmission ports in:
 Cellular phone and Personal Communication System (PCS) mobile handsets
 PC/notebook USB 2.0/IEEE1394 ports
 DVI
 Cordless telephones
 Wireless data (WAN/LAN) systems
 Mobile Internet Devices (MID)
 Portable Media Players (PMP)
 High-Definition Multimedia Interface (HDMI)




Similar Part No. - IP4223CZ6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
128Kb / 6P
Dual USB 2.0 Integrated ESD protection to IEC 61000-4-2 level 4
2005 January 05
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
227Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
TECH PUBLIC Electronics...
IP4220CZ6 TECHPUBLIC-IP4220CZ6 Datasheet
1Mb / 4P
Low Capactiance 4-Line TVS Array
logo
Nexperia B.V. All right...
IP4220CZ6 NEXPERIA-IP4220CZ6 Datasheet
905Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5 - 8 July 2011
logo
Guangdong Youtai Semico...
IP4220CZ6 UMW-IP4220CZ6 Datasheet
725Kb / 4P
Low Capactiance 4-Line TVS Array
More results


Similar Description - IP4223CZ6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
128Kb / 6P
Dual USB 2.0 Integrated ESD protection to IEC 61000-4-2 level 4
2005 January 05
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
USB 2.0 - ESD & Overcurrent Protection
logo
Unisonic Technologies
PUSB220 UTC-PUSB220 Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
logo
NXP Semiconductors
IP4220CZ6125 PHILIPS-IP4220CZ6125 Datasheet
227Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Unisonic Technologies
PUSB220 UTC-PUSB220_15 Datasheet
198Kb / 6P
DUAL USB 2.0 INTEGRATED ESD PROTECTION
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6_15 Datasheet
227Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5-8 July 2011
logo
Microchip Technology
USB3740B MICROCHIP-USB3740B Datasheet
197Kb / 19P
High Speed USB 2.0 Switch with ESD Protection
01/27/15
logo
NXP Semiconductors
IP4059CX5 NXP-IP4059CX5 Datasheet
97Kb / 9P
Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1-15 September 2011
logo
Nexperia B.V. All right...
IP4059CX5 NEXPERIA-IP4059CX5 Datasheet
329Kb / 10P
Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1 - 15 September 2011
IP4220CZ6 NEXPERIA-IP4220CZ6 Datasheet
905Kb / 9P
Dual USB 2.0 integrated ESD protection
Rev. 5 - 8 July 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com