Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4223CZ6 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # IP4223CZ6
Description  Dual USB 2.0 integrated ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4223CZ6 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  IP4223CZ6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1.
Product profile
1.1 General description
The IP4223CZ6 is designed to protect I/O lines sensitive to capacitive load, such as
USB 2.0, ethernet, Digital Video Interface (DVI) and so on, from damage due to
ElectroStatic Discharge (ESD). It incorporates four pairs of ultra low capacitance rail-to-rail
ESD protection diodes plus a Zener diode to provide protection to signal and supply
components from ESD voltages up to
8 kV contact discharge. Protection is supply
voltage independent due to the rail-to-rail diodes being connected to the Zener diode.
The device is encapsulated in a small 6-lead SOT457 (SC-74) Surface-Mounted
Device (SMD) plastic package.
1.2 Features and benefits
 Pb-free, Restriction of Hazardous Substances (RoHS) compliant and free of halogen
and antimony (Dark Green compliant)
 ESD protection up to
8 kV contact discharge; IEC 61000-4-2, level 4 compliant
 Four pairs of ultra low input capacitance (C(I/O-GND) = 1.5 pF) ESD rail-to-rail protection
diodes
 Low voltage clamping due to integrated Zener diode
 Small 6-lead TSOP6 (SOT457) SMD package
1.3 Applications
 General-purpose downstream ESD protection for high-frequency analog signal ports
and high-speed serial data transmission ports in:
 Cellular phone and Personal Communication System (PCS) mobile handsets
 PC/notebook USB 2.0/IEEE1394 ports
 DVI
 Cordless telephones
 Wireless data (WAN/LAN) systems
 Mobile Internet Devices (MID)
 Portable Media Players (PMP)
 High-Definition Multimedia Interface (HDMI)
IP4223CZ6
Dual USB 2.0 integrated ESD protection
Rev. 1 — 17 October 2011
Product data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com