Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4223CZ6 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # IP4223CZ6
Description  Dual USB 2.0 integrated ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4223CZ6 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  IP4223CZ6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4223CZ6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IP4223CZ6
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 17 October 2011
3 of 9
NXP Semiconductors
IP4223CZ6
Dual USB 2.0 integrated ESD protection
7.
Characteristics
[1]
Pins 1, 3, 4 and 6.
[2]
Pin 5 to pin 2.
[3]
Pins 1, 3, 4 and 6 to ground.
8.
Application information
8.1 Universal serial bus 2.0 protection
The device is optimized to protect, for example, two USB 2.0 ports from ESD. Each device
can protect both USB data lines and the VBUS supply line. A typical application is shown in
Figure 1.
Table 6.
Characteristics
Tamb =25 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C(I/O-GND) input/output to
ground capacitance
VI =0 V; f =1 MHz;
VP =3V
[1] --1.5
pF
C(zd-GND)
Zener diode to
ground capacitance
VI =0 V; f =1 MHz;
VP =3V
[2] -40
-
pF
IRM
reverse leakage current
VI =3 V
[3] -
-
100
nA
VBRzd
Zener diode breakdown
voltage
I=1mA
[2] 6-
9
V
VF
forward voltage
-
0.7
-
V
Fig 1.
Typical application of IP4223CZ6
018aaa159
4
USB 2.0
IEEE1394
CONTROLLER
5
6
3
2
1
VBUS
D+
D–
GND
VBUS
D+
D–
GND
IP4223CZ6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com