Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB264BL-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UB264BL-P08-R
Description  LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB264BL-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UB264BL-P08-R Datasheet HTML 1Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 2Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 3Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 4Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 5Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 6Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 7Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 8Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UB264B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R502-833.A
OPERATING
1. Overcharge Detection
Under normal conditions, when the voltage of any one cell battery exceeds the overcharge detection voltage (VCU)
during charging, and after the state is retained for the overcharge detection delay time (tCU), CO will become “H”.
This state is called overcharge. Attaching FET to the CO pin provides charge control and a second protection.
Only the voltage of all the batteries decreases below the total of the overcharge detection voltage (VCU) and the
overcharge hysteresis voltage (VHC) and the state is retained for the overcharge release delay time (tCL) or longer,
the overcharge status is released; however, CO stays at “H”. When the CTL pin is switched from “L” to “H”, CO
becomes “L”.
2. Overcharge Timer Reset
When an overcharge release noise that forces the voltage of the battery temporarily below the overcharge
detection voltage (VCU) is input during the overcharge detection delay time (tCU) from when VCU is exceeded to when
charging is stopped, tCU is continuously counted if the time the overcharge release noise persists is shorter than the
overcharge timer reset delay time (tTR). Under the same conditions, if the time the overcharge release noise persists
is tTR or longer, counting of tCU is reset once. After that, when VCU has been exceeded, counting tCU resumes.
3. CTL Pin
The CTL pin is used to control the output voltage of the CO pin. In the UTC UB264B Series, when the CTL pin is
switched from “L” to “H”, a reset signal is output to the overcharge detection latch and CO becomes “L”.
CTL PIN
CO PIN
“H”
Without latch
Open
Normal state (Note 1)
“L”
Normal state (Note 1)
“L”→ “H”
Latch reset (Note 2)
“H” →“L”
-
Notes:
1.
The state is controlled by the overcharge detection circuit.
2.
Latch reset becomes effective when the voltages of all the
batteries are lower than the total of the overcharge detection
voltage (VCU) and the overcharge hysteresis voltage (VHC) and the
overcharge release delay time (tCL) has elapsed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com