Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB264BL-P08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UB264BL-P08-R
Description  LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB264BL-P08-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UB264BL-P08-R Datasheet HTML 2Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 3Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 4Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 5Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 6Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 7Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 8Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 9Page - Unisonic Technologies UB264BL-P08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UB264B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R502-833.A
TYPICAL APPLICATION CIRCUIT(Cont.)
3.
2-serial cell
BAT1
BAT2
R2
R1
C1
C2
RVDD
CVDD
VDD
SENSE
VC1
VC2
VC3
VSS
CTL
CO
UTC
UB264B
Series
External
input
RCTL
EB+
EB-
FET
DP
SC Protector
Constants for External Components
NO.
PART
MIN
TYP
MAX
UNIT
1
R1 to R4
0.1
1
10
KΩ
2
C1 to C4, CVDD
0.01
0.1
1
μF
3
RVDD
50
100
500
Ω
4
RCTL
0
100
500
Ω
Notes:
1.
the examples of connection shown above and the constants will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.
2.
Set the same constants to R1 to R4 and to C1 to C4 and CVDD.
3.
Set RVDD, C1 to C4 and CVDD so that the condition (RVDD) × (C1 to C4, CVDD) ≥ 5 × 10
−6 is satisfied.
4.
T Set R1 to R4, C1 to C4, and CVDD so that the condition (R1 to R4) × (C1 to C4, CVDD) ≥ 1 × 10
−4 is
satisfied.
5.
In some application circuits, even if an overcharged battery is not included, the order of connecting
batteries may be restricted to prevent transient output of CO detection pulses when the batteries are
connected. Perform thorough evaluation with the actual application circuit.
6.
Since “H” may be output at CO transiently when the battery is being connected, connect the positive
terminal of BAT1 last in order to prevent the three terminal protection fuse from cutoff.
7.
Before the battery connection, short-circuit the battery side pins RVDD and R1.
8.
In the UTC UB264B Series, normally input “L” to the external input, and input “H” when releasing the
latch that maintains CO at “H” after overcharge detection.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com