Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2016 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB2016
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2016 Datasheet(HTML) 2 Page - Unisonic Technologies

  UB2016 Datasheet HTML 1Page - Unisonic Technologies UB2016 Datasheet HTML 2Page - Unisonic Technologies UB2016 Datasheet HTML 3Page - Unisonic Technologies UB2016 Datasheet HTML 4Page - Unisonic Technologies UB2016 Datasheet HTML 5Page - Unisonic Technologies UB2016 Datasheet HTML 6Page - Unisonic Technologies UB2016 Datasheet HTML 7Page - Unisonic Technologies UB2016 Datasheet HTML 8Page - Unisonic Technologies UB2016 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UB2016
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R502-869.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
AA: 4.2V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is
pulled low by an internal N-channel MOSFET. When the charge cycle is completed, a
weak pull-down of approximately 20uA is connected to the CHRG pin, indicating an “AC
present” condition.
2
GND
Ground.
3
BAT
Charge Current Output. Provides charge current to the battery and regulates the final
float voltage to 4.2V.
4
VCC
Positive Input Supply Voltage. Provides power to the charger. VCC can range from
4.25V to 6.5V and should be bypassed with at least a 1μF capacitor.
5
PROG
Charge Current Program, Charge Current Monitor and Shutdown Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com