Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2016 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB2016
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2016 Datasheet(HTML) 4 Page - Unisonic Technologies

  UB2016 Datasheet HTML 1Page - Unisonic Technologies UB2016 Datasheet HTML 2Page - Unisonic Technologies UB2016 Datasheet HTML 3Page - Unisonic Technologies UB2016 Datasheet HTML 4Page - Unisonic Technologies UB2016 Datasheet HTML 5Page - Unisonic Technologies UB2016 Datasheet HTML 6Page - Unisonic Technologies UB2016 Datasheet HTML 7Page - Unisonic Technologies UB2016 Datasheet HTML 8Page - Unisonic Technologies UB2016 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
UB2016
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 13
www.unisonic.com.tw
QW-R502-869.a
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VCC
-0.3~+7.0
V
PROG Voltage
VPROG
-0.3~+7.0
V
BAT Voltage
VBAT
-0.3~+7.0
V
CHRG Voltage
VCHRG
-0.3~+7.0
V
BAT Short-Circuit Duration
Continuous
BAT Pin Current
IBAT
500
mA
PROG Pin Current
IPROG
500
µA
Junction Temperature
TJ
125
°С
Operating Ambient Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +125
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse (μsec) noise exceeding the above input voltage (GND+7.0V) may cause damage to the IC.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
°С/W
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=25°С unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Voltage
VCC
4.5
6.0
V
Input Supply Current
ICC
Charge Mode (Note 1), RPROG=10k
110
2000
μA
Standby Mode (Charge
Terminated)
115
500
μA
Shutdown Mode(RPROG Not
Connected, VCC<VBAT, or VCC<VUV)
20
60
μA
Regulated Output (Float) Voltage
VFLOAT IBAT=30mA, ICHRG=5mA
4.15
4.20
4.25
V
BAT Pin Current
IBAT
RPROG=10k, Current Mode
80
100
120
mA
RPROG=2k, Current Mode
500
mA
Standby Mode, VBAT=4.2V
0
±1
±6
μA
Shutdown Mode (RPROG Not
Connected)
±0.5
±6
μA
Sleep Mode, VCC=0V
±1
±6
μA
Trickle Charge Current
ITRIKL
VBAT<VTRIKL, RPROG=10k
10
mA
Trickle Charge Threshold Voltage
VTRIKL RPROG=10k, VBAT Rising
2.8
2.9
3.0
V
VCC Undervoltage Lockout Threshold
VUV
From VCC Low to High
3.8
V
VCC Undervoltage Lockout Hysteresis
VUVHYS
120
mV
Manual Shutdown Threshold Voltage
VMSD
PROG Pin Rising
1.25
V
PROG Pin Falling
1.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com