Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB10803L-SH2-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UB10803L-SH2-R
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB10803L-SH2-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UB10803L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 7Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 8Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 9Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
UB10803
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R502-A26.a
TYPICAL APPLICATION CIRCUIT
Fig1. Typical Application Circuit for LED Display
Component Description for Figure 1
Part
Description
C1
1μF X5R ceramic cap
C2
1μF X5R ceramic cap
RIREF
29.4kΩ, 1% for 135mA charge current
RMIN
29.4kΩ, 1% for 27mA EOC current
R1, R2
300Ω, 5%
D1, D2
LEDs for indication
Fig2. Typical Application Circuit Interfacing to a MCU
Component Description for Figure 2
Part
Description
C1
1μF X5R ceramic cap
C2
1μF X5R ceramic cap
RIREF
29.4kΩ, 1% for 135mA charge current
RMIN
29.4kΩ, 1% for 27mA EOC current
R1, R2
100kΩ, 5%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com