Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB10803L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB10803L-SH2-R
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB10803L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB10803L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 7Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 8Page - Unisonic Technologies UB10803L-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB10803
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A26.a
ONE-CELL STANDALONE
LINEAR LITHIUM BATTERY
CHARGER
DESCRIPTION
The UTC UB10803 is a fully-integrated single-cell Li-ion/Polymer
battery charger. The device operates without external FET and
blocking diode, and employs a constant-current constant-voltage
(CC/CV) charging profile.
The
fast-charge
and
end-of-charge
(EOC)
currents
are
programmable with independent external resistors. When the battery
is deeply discharged to lower than 2.75V, the charger firstly
pre-charges the battery with typically 20% of the programmable
fast-charge current. When the charge current is reduced to the
programmed EOC current level (almost works completely in a
constant-voltage (CV) mode), an EOC indication is displayed through
the CHG pins. The UTC UB10803 is protected by thermal regulation
technology to prevent the IC from over-heat during charging.
Two status indication pins (PPR and CHG), which are both
implemented as an open-drain outputs, can be used to drive LEDs or
work as logic interface to a microprocessor. When no adapter is
attached or when the charger is disabled, the leakage current from
battery cell is less than 1uA typically.
FEATURES
SOP-8
DFN-8(2x3)
1
* A Constant-Current/Constant-Voltage Linear Charger
for Single-Cell Li-ion/Polymer Batteries
* Integrated Pass Element and Current Sensor
* Highly-Integrated, Requiring No External FETs or
Blocking Diode
* 4.2V Voltage Accuracy: ±1.2% All Temperatures
(Available with 4.10V and 4.36V options upon request)
* Programmable Charge Current 50mA to 500mA
* Programmable End-Of-Charge Current by Current
Recharge Algorithm
* Pre-Charge for Fully Discharged Batteries
* 1μA (Typ.) Leakage Current of the Battery when No
Input Power is Attached or Charger is Disabled
* Power Present and Charge Status Indications
* Thermal Regulation on Charging Current to Prevent
Over-Heat
* Few Components, Cost-Effective Solutions
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UB10803L-SH2-T
UB10803G-SH2-T
HSOP-8
Tube
UB10803L-SH2-R
UB10803G-SH2-R
HSOP-8
Tape Reel
UB10803L- K08-2030-R
UB10803G- K08-2030-R
DFN-8(2×3)
Tape Reel


Similar Part No. - UB10803L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB10803G-K08-2030-R UTC-UB10803G-K08-2030-R Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803G-SH2-R UTC-UB10803G-SH2-R Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results

Similar Description - UB10803L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2016 UTC-UB2016 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054 UTC-UB6054 Datasheet
247Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017_15 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054 UTC-UB6054_15 Datasheet
247Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com