Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB10803G-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UB10803G-SH2-R
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB10803G-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UB10803G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 7Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 8Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UB10803
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R502-A26.a
OPERATION
The UTC UB10803 charges a single-cell Li-ion/Polymer battery with a programmed constant current (CC) or a
constant voltage (CV) profile. The constant fast charge current ICHG is programmable by setting an external resistor
RIREF while the constant voltage is factory-trimmed at 4.2V (4.10V or 4.36V options are available upon request). If the
battery voltage is deeply discharged to lower than 2.75V, The UTC UB10803 pre-charges the battery with a 20%
programmable current until the battery voltage rises above the pre-charge threshold. After pre-charge finishes,
constant-current (CC) charging mode begins with the pre-set fast charge current. Normally, the battery voltage rises
gradually during CC charge phase. When the battery voltage reaches nearly 4.2V, the charger enters the
constant-voltage (CV) charging mode and begins to regulate the battery voltage at 4.2V while diminishing the
charging current gradually. When the charging current is reduced to an amount smaller than the programmed
End-Of-Charge (EOC) current level, the charger gives out a “full-charge” indication through the CHG pin, but the
charger still continues to regulate the battery voltage at 4.2V with safe & small current.
The end-of-charge (EOC) current level (IMIN) can be easily programmed with an external resistor RIMIN. The CHG
signal turns to LOW when pre-charge starts and rises to HIGH when EOC is reached. After reaching EOC, the
charge current has to rise again to typically 76% of ICHG before the CHG signal will turn on again. The current surge
after EOC can be caused by a load connected to the battery.
When the die temperature reaches 115°C (typically), a thermal regulation function is employed to reduce the
charge current accordingly to maintain the temperature from increasing furthermore. This is an important function to
achieve safe operation even when the printed circuit board (PCB) is not effective in leaking out the heat generated
by the linear charger.
1. PPR Indication
The PPR pin is implemented as an open-drain output to provide a power-good indication of the input power source
such as an AC adapter. When the input voltage is higher than the POR (Power-On Reset) threshold, the PPR pin
turns on the internal open-drain MOSFET to indicate logic LOW signal. The PPR indication is designed to be
independent on the chip enable (EN-pin) input. When the internal open-drain FET is turned off, the PPR pin should
leak less than 1μA current. When turned on, the PPR pin should be able to sink at least 5mA current under all
operating conditions. The PPR pin can be used to drive an LED or worked as logic interface to a microprocessor.
2. Power-Good Range
The input voltage is considered as power good when it meets the following three conditions:
(1). VIN > VPOR
(2). VIN - VBAT > VOS
Where the VOS is the offset voltage, it determines if the battery voltage is even higher than the input voltage. All
VPOR and VOS are realized with sufficient hysteresis, as given in the Electrical Specification table. All charging
activities are disabled when the input voltage falls out of the power-good range.
3. Input and Output Comparator
Obviously, when the input source voltage is lower than the battery voltage, no charging activity could be started
and the charger will disable the internal pass element to prevent battery leakage. Charge begins when the input
voltage is higher than the battery voltage by a defined offset voltage (VOS). This scheme also ensures that the
charger is completely turned off when the input power is removed from the charger.
4. CHG Indication
The CHG pin is implemented as an open-drain output to give a logic LOW when a charge cycle begins and turn
HIGH when an end-of-charge (EOC) condition is reached. This pin is designed with a sinking ability of more than
5mA so as to drive an LED. When the charger is disabled through EN-pin, the CHG output is high impedance. The
CHG pin can also be used to interface with a microprocessor.
5. EN Input
The chip is enabled by a logic LOW signal applied to the EN pin. This pin is realized with a 200kΩ internal
pull-down resistor such that even the EN pin is left floating, the input is equivalent to logic LOW and the chip is
enabled by default. Similarly, the chip is disabled when the EN pin receives a logic HIGH signal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com