Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB10803G-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB10803G-SH2-R
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB10803G-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB10803G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 4Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 7Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 8Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 9Page - Unisonic Technologies UB10803G-SH2-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UB10803
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-A26.a
OPERATION(Cont.)
6. IMIN Indication
The IMIN pin can be used to program the End-of-Charge (EOC) current by connecting a resistor between this pin
and the GND pin. The programming is defined by the following equation:
MIN
IMIN
800
I(mA) =
R
Where RIMIN is usually in kΩ.
7. IREF Pin
The IREF pin is for fast charge-current programming. By connecting a resistor between this pin and the GND pin,
the fast charge current limit is determined by the following equation:
CHG
IREF
4000
I(mA) =
R
Where RIREF is in kΩ. The actual charge current is guaranteed to have 10% accuracy of ICHG with the charge
current set at 150mA.
8. BAT pin
Always connect the BAT pin to a single-cell Li-ion/Polymer battery in parallel with a 1μF (or larger) X5R ceramic
capacitor for decoupling and guaranteeing system stability. When the EN pin is pulled to logic HIGH, the BAT output
is disabled. The UTC UB10803 relies on a battery for stability and is not guaranteed to be stable if the battery is not
connected.
9. Dropout Voltage
When the input voltage is low while the battery voltage is high, the charging current may not be maintained
according to the equation ICHG (mA) = 4000/RIREF due to a limited internal on-resistance (RDS(ON)) of the internal pass
element. The worst resistance of the pass FET is about 1.2Ω at the maximum operating temperature, thus if tested
with 500mA current and 4.2V battery voltage, constant current could still be maintained when the input voltage is as
low as 4.62V.
10. Thermal Foldback
The bottom big exposed pads in both HSOP-8 and DFN-8(2x3) packages are used for thermal foldback. For
reducing the chip ambient temperature as much as possible, it is recommended to connect as much copper as
possible to this pad either on the component layer or other layers through thermal vias. The thermal regulation
function starts to reduce the charge current when the internal temperature reaches a typical value of 115°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com