Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2845G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC2845G-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2845G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UC2845G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UC2844/45
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R103-051.B
TYPICAL CHARACTERISTICS
100
50
10
5.0
1.0
10k
20k
50k
100k
Oscillator Frequency, IOSC (Hz)
200k
500k 1.0M
Timing Resistor vs. Oscillator Frequency
2.0
20
75
65
60
10k
20k
50k
100k
200k
500k
1.0M
Output Deadtime vs. Oscillator Frequency
55
70
VCC = 15V
TA = 25℃
100
pF
200
pF
500
pF
1.0n
F
2.0n
F
5.0n
F
C
T
= 10
nF
Note: Output Switches At
One-Half The Oscillator
Frequency
50
Oscillator Frequency, IOSC (Hz)
1.0nF
2.0nF
5.0nF
CT = 10nF
100pF
200pF
500pF
100
80
40
20
-20
10
100
1.0k
10k
Frequency, f (Hz)
100k
1.0M
10M
Error Amp Open Loop Gain Phase vs. Frequency
0
60
1.2
0.8
0.4
02.0
4.0
6.0
8.0
Current Sense Input Threshold vs. Error Amp
Output Voltage
0.2
1.0
VCC = 15V
VOUT = 2.0V ~ 4.0V
RL = 100k
TA = 25℃
Phase
Gain
0
Error Amp Output Voltage, VOUT (V)
0
30
90
120
180
150
60
0.6
TA = 25℃
VCC = 15V
TA = 125℃
TA = -55℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com