Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC2845G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC2845G-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2845G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC2845G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC2845G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC2844/45
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R103-051.B
HIGH PERFORMANCE
CURRENT MODE PWM
CONTROLLERS
DESCRIPTION
The UTC UC2844/2845 are high performance fixed frequency
current mode controllers that specifically designed for Off-Line and
DC to DC converter applications with minimal external parts count.
The differences between UC2844 and UC2845 are the maximum
duty cycle ranges and under-voltage lockout thresholds. The
UC2844
ideally suited to off-line applications with UVLO thresholds
of 16V(ON) and 10V(OFF), and UC2845 has UVLO thresholds of
8.5V(ON) and 7.6V(OFF) for lower voltage applications.
FEATURES
* Operation output switching frequency up to 500 kHz
* Output deadtime adjustable from 50% to 70%
* Automatic feed forward compensation
* Latching PWM for cycle-by-cycle current limiting
* High current totem pole output
* Internally trimmed reference with under voltage lockout
* UVLO with hysteresis
* Low startup and operating current
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC2844L-S08-R
UC2844G-S08-R
SOP-8
Tape Reel
UC2844L-S08-T
UC2844G-S08-T
SOP-8
Tube
UC2845L-S08-R
UC2845G-S08-R
SOP-8
Tape Reel
UC2845L-S08-T
UC2845G-S08-T
SOP-8
Tube


Similar Part No. - UC2845G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC2845G-S08-R UTC-UC2845G-S08-R Datasheet
295Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2845G-S08-R UTC-UC2845G-S08-R Datasheet
294Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2845G-S08-R UTC-UC2845G-S08-R Datasheet
228Kb / 6P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results

Similar Description - UC2845G-S08-R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
High Performance Current Mode PWM Controllers
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com