Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4049BL-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCD4049BL-S16-R
Description  CMOS HEX BUFFER/CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4049BL-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCD4049BL-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4049BL-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4049BL-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4049BL-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4049BL-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCD4049B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-876.b
CMOS HEX
BUFFER/CONVERTERS
DESCRIPTION
The UCD4049B devices are inverting hex buffers, and feature
logic-level conversion using only one supply voltage(VCC).The
input-signal high level(VIH) can exceed the VCC supply voltage when
these devices are used for logic-level conversions. These devices
are intended for use as CMOS to DTL/TTL converters and can drive
directly two DTL/TTL loads.
FEATURES
* High Sink Current for Driving 2 TTL Loads
* High-To-Low Level Logic Conversion
* Maximum Input Current of 1uA at 18V Over Full Package Temper-
ature Rage
* 5V, 10V and 15V Parametric Ratings
SOP-16
TSSOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCD4049BL-S16-R
UCD4049BG-S16-R
SOP-16
Tape Reel
UCD4049BL-S16-T
UCD4049BG-S16-T
SOP-16
Tube
UCD4049BL-P16-R
UCD4049BG-P16-R
TSSOP-16
Tape Reel
UCD4049BL-P16-T
UCD4049BG-P16-T
TSSOP-16
Tube


Similar Part No. - UCD4049BL-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4049BG-P16-R UTC-UCD4049BG-P16-R Datasheet
243Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4049BG-S16-R UTC-UCD4049BG-S16-R Datasheet
243Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
CMOS HEX BUFFER/CONVERTERS
More results

Similar Description - UCD4049BL-S16-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4009UB STMICROELECTRONICS-HCC4009UB Datasheet
302Kb / 13P
HEX BUFFER/CONVERTERS
Sep-1988
logo
Texas Instruments
CD4503B TI-CD4503B Datasheet
481Kb / 11P
CMOS HEX BUFFER
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
CMOS Hex Buffer/Converters
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
CMOS Hex Buffer/Converters
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4050B UTC-UCD4050B Datasheet
196Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UB TI1-CD4049UB_15 Datasheet
1Mb / 37P
CMOS Hex Buffer/Converters
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
Cmos Hex Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com