Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL100-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UPSL100-AF5-R
Description  HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL100-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UPSL100-AF5-R Datasheet HTML 1Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 2Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 3Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 4Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 5Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 6Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UPSL100
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R125-028.a
OPERATION DESCRIPTION
The UTC UPSL100 is a cost effective PSR controller optimized for off-line LED lighting applications which can
achieve accurate LED current. It operates in primary side sensing and regulation, eliminating the need of
opto-coupler and TL431, which makes the solution simple, small and low cost. Proprietary built-in CC control
meeting accurate LED current.
Startup Current and Start up Control
Startup current of UTC UPSL100 is designed to be very low so that VDD can be charged up quickly. A large value
startup resistor can therefore be used to minimize the power loss in application.
Operating Current
The operating current of UTC UPSL100 is designed to be very low so that VDD could be charged up above UVLO
threshold and starts up quickly. Good efficiency and very low standby power is achieved with the low operating
current.
Adjustable CC point
In UTC UPSL100, the CC point can be externally adjusted by external current sense resistor RS at CS pin as
illustrated in typical application diagram. The larger RS is, the smaller CC point is, and vice versa.
Principle of CC Operation
To support the UTC UPSL100 proprietary CC control, system needs to be designed in DCM mode for flyback
system. For flyback operating in DCM, the output current Iout is given by
out
2
P
SW
P
out
V
/
η
I
F
L
2
1
=
I
(1)
Where LP indicates the inductance of primary winding and IP is the peak current of primary winding.
Refer to the equation 1, the change of the primary winding inductance results in the change of the constant output
current. To compensate the change from variations of primary winding inductance, the switching frequency is locked
by an internal loop such that the switching frequency is
emag
D
SW
T
2
1
=
F
(2)
Since TDemag is inversely proportional to the inductance, as a result, the product LP and fSW is constant, thus output
current will not change as primary winding inductance changes. Up to ±10% variation of the primary winding
inductance can be compensated.
The output LED current is
S
thoc
out
R
V
N
4
1
=
I
(3)
Where N is the ratio of transformer between primary side winding and secondary winding.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com