Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL100-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UPSL100-AF5-R
Description  HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL100-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UPSL100-AF5-R Datasheet HTML 1Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 2Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 3Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 4Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 5Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 6Page - Unisonic Technologies UPSL100-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UPSL100
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R125-028.a
OPERATION DESCRIPTION(Cont.)
CS and LEB
Cycle-by-Cycle current limiting is offered in UTC UPSL100. The switch current is detected by a sense resistor into
the CS pin. An internal leading edge blanking circuit chops off the sensed voltage spike at initial power BJT on state
so that the external RC filtering on sense input is no longer needed.
Protection Control
Good power supply system reliability is achieved with its rich protection features including Cycle-by-Cycle current
limiting (OCP), VDD over voltage protection, feedback loop open protection, short circuit protection and Under
Voltage Lockout on VDD (UVLO).
Because of the coupling between secondary winding and auxiliary winding, the voltage at VDD pin will rise up if the
output of secondary side is open-circuited, when VDD pin voltage is larger than 27V, the UTC UPSL100 will stop
sending pulses to BASE pin and enter auto restart mode.
If the output of secondary side is short-circuited, the VDD voltage will drop down and the system enters under
voltage lockout protection.
Base Drive
The drive is a push pull stage with supply voltage VDD. It provides the driving current for the external power bipolar
transistor. The output signal is current limit to Is_max (typical 30mA).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com