Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL100G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UPSL100G-AF5-R
Description  HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL100G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UPSL100G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UPSL100
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R125-028.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Voltage
-0.3~30
V
BASE Voltage
-0.3~7
V
CS Input Voltage
-0.3~7
V
INV Input Voltage
-0.3~7
V
Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
CAL CHARACTERISTICS (VDD=15V, TA=25°C, if not otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage (VDD) Section
Start up Current
ISTART-UP
VDD=11V
0.1
3
μA
Static Current
ISTATIC
VDD=15V
350
500
μA
VDD Under Voltage Lockout Enter
UVLO(ON)
5.0
6.0
7.6
V
VDD Under Voltage Lockout Exit
UVLO(OFF)
11.5
12.5
13.5
V
VDD Over Voltage Protection
VDD_OVP
23
26
29
V
Current Sense Input Section
Lead Time
TLEB
0.5
μS
Over Current Threshold
Vth_OCP
1.21
1.23
1.25
V
OCP Propagation Delay
Td_OC
From OCP Comparator to
Base Drive
100
nS
INV Input Section
Maximum Pause
TPAUSE_MAX
710
765
810
μS
BASE Drive Section
Base Sourcing Maximum Current
IS_MAX
40
50
60
mA
Base Sourcing Current After Pre-off
IS_PREOFF
1.9
2.4
2.9
mA
Base Drive Low Side On Resistor
RDSON_l
1.8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com