Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL100G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPSL100G-AF5-R
Description  HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL100G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UPSL100G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UPSL100G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPSL100
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R125-028.a
HIGH PRECISION CC
PRIMARY-SIDE LED
CONTROLLER
DESCRIPTION
The UTC UPSL100 is a high performance offline PSR controller
for LED lighting, which can achieve accurate LED current and low
system cost for an isolated lighting application in a single stage
converter. Consequently, opto-coupler and TL431 could be
eliminated. Constant Current (CC) control is intergrated as shown
in the figure below.
In CC control, the current can be adjusted externally by the
sense resistor RS at CS pin. The chip consumes low start up
current and very low operation current (typical 350μA), it can
achieve high efficiency and low standby power consumption.
The UTC UPSL100 offers comprehensive protection coverage
with auto-recovery features including open loop protection, short
circuit protection, cycle-by-cycle current limiting, VDD over voltage
protection, built-in leading edge blanking, VDD under voltage
lockout (UVLO), etc.
FEATURES
SOT-25
4
5
3
2
1
* Primary-side sensing and regulation without TL431 and
opto-coupler
* High precision constant current regulation at universal AC input
* Low system cost and high efficiency
* Built-in primary winding inductance compensation
* Programmable CC regulation
* Drivability for BJT switch
* Short circuit protection
* Ultra low start-up current (Typ. 1μA)
* Open loop protection
* Built-in leading edge blanking (LEB)
* Cycle-by-cycle current limiting
* VDD under voltage lockout with hysteresis
* VDD over voltage protection
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UPSL100-AF5-R
UPSL100G-AF5-R
SOT-25
Tape Reel


Similar Part No. - UPSL100G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
UPSL101G-S08-R UTC-UPSL101G-S08-R Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
UPSL101G-S08-R UTC-UPSL101G-S08-R Datasheet
176Kb / 8P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
UPSL101G-S08-T UTC-UPSL101G-S08-T Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
UPSL101L-S08-R UTC-UPSL101L-S08-R Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
More results

Similar Description - UPSL100G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3252 WINSEMI-WS3252 Datasheet
440Kb / 8P
WS3252 High Precision CC/CV Primary-Side PWM Controller
logo
Unisonic Technologies
UPSL102 UTC-UPSL102 Datasheet
144Kb / 6P
HIGH PRECISION CC PRIMARY-SIDE LED CONTROLLER
USRB01 UTC-USRB01_16 Datasheet
141Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
logo
Maxic Technology Corpor...
MT7970 MAXIC-MT7970 Datasheet
219Kb / 1P
High Precision CC/CV Primary-Side PWM Controller
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
High precision CC/CV primary side controller
TC6532 FUMAN-TC6532 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
TC6535 FUMAN-TC6535 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
TC6538 FUMAN-TC6538 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
logo
Princeton Technology Co...
RS2139 PTC-RS2139 Datasheet
253Kb / 4P
High Precision CC / CV Primary-Side PWM Controller
logo
List of Unclassifed Man...
OB2532 ETC2-OB2532 Datasheet
404Kb / 10P
High Precision CC/CV Primary-Side PWM Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com