Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL101G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UPSL101G-S08-R
Description  ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL101G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UPSL101G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 6Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UPSL101
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R125-027.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Input Voltage to GND
-0.3~30
V
GATE to GND
-0.3~30
V
I/O (Except GATE) to GND
-0.3~7
V
Operating Ambient Temperature
TA
-20~85
°C
Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-55~150
°C
Lead Temperature (10 Sec)
TL
260
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Voltage
11~25
V
ELECTRICAL CHARACTERISTICS (VCC=16V, TA=25°C, if not otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage Section
Standby Current
I_VCC_ST
VCC=14V
0.2
15
μA
Static Current
I_STATIC
VCC=16V, No Switching
4.0
5.5
mA
VCC Under Voltage Lockout Enter
UVLO(ON)
VCC Falling
7
8
9
V
VCC Under Voltage Lockout Exit
UVLO(OFF)
VCC Rising
13.6
14.6
15.6
V
VCC Clamp Protection
VCC_CLAMP
30
V
VCC Over Voltage Protection
VCC_OVP
28
V
Current Sense Section
Lead Edge Blanking Time
T_LEB
20
ns
OCP Propagation Delay
Td_OC
From OCP Comparator to
Gate Drive
300
ns
Source Current of OCP_TH PIN
IOCP_TH
VCC=16V
27
38
49
μA
Threshold Voltage of Over Current
Protection
VTH_OCP
0V<VOCP_TH<0.3V
2.1
V
0.3V<VOCP_TH<1.5V
1.8
V
VOCP_TH>1.5V
1.5
V
Multiplier Section
Linear Operating Range
VMULT
COMP=3V
0~3
V
Output Max. Slope
∆VCS/∆VMULT
MULT=From 0 to 0.5V,
COMP=4V
1.5
V/V
Gain
K
MULT=1V, COMP=2.2V
0.6
0.75
0.9
1/V
ZCD Section
Output Over Voltage Protection
VOVP
1μs Delay After Turn Off
3.8
4
4.2
V
ZCD Low Voltage Detection
VZCD_LOW
0.9
V
When ZCD Rise up This Voltage,
Demagnetization Began
VTH_DEM_H
0.9
V
When ZCD Drop Below This
Voltage, Demagnetization Finished
VTH_DEM_L
0.12
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com