Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSL101G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UPSL101G-S08-R
Description  ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSL101G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UPSL101G-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 6Page - Unisonic Technologies UPSL101G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UPSL101
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R125-027.a
FUNCTION DESCRIPTION (Cont.)
Maximum Frequency Clamp
According to Transition Mode (TM) Operation principle, the switching frequency is inversely proportional to the
output power. Therefore, when the output power decreases, the switching frequency can become rather high without
limiting. The maximum switching frequency in UTC UPSL101 is internally limited to approximately 300kHz.
Power Factor Correction
The MULT pin is connected to the tap of the resistor divider from the rectified instantaneous line voltage and fed
as one input of the multiplier. The output of the multiplier will be shaped as sinusoid too. This signal provides the
reference for the current comparator and comparing with the primary side inductor current which sets the primary
peak current shaped as sinusoid with the input line voltage. High power factor can be achieved.
VCC OVP and Clamping Protection
VCC is supplied with transformer auxiliary winding output. It is clamped if VCC exceeds 30V. When VCC is higher
than 28V, OVP protection is triggered and GATE is shut down, so the device enters power on startup sequence
thereafter.
LED String Short Protection
When LED string is short, the positive plateau of auxiliary winding voltage is also near zero and the ZCD voltage is
low. If the voltage at ZCD pin is lower than a threshold of approximately 0.9V and lasts more than 10ms, the IC will
shut down.
LED String Open Protection
When the LED string open circuit happens, the positive plateau of auxiliary winding voltage increases and the ZCD
voltage is high. If the voltage at ZCD pin is higher than a threshold of approximately 4V, UTC UPSL101 will shut
down and restart again.
Thermal Shutdown
UTC UPSL101 provides an on chip thermal shutdown. The IC will stop switching when the junction temperature
exceeds the thermal shutdown temperature, typically 140°C.
Gate Drive Output
The UTC UPSL101 output stage is a fast totem-pole gate driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance reliability. The output driver is clamped at 12V to protect power
MOSFET transistors against undesired over-voltage gate signals.
Protection Control
The UTC UPSL101 offers comprehensive protection coverage with auto-recovery features including VCC over
voltage protection, LED open/short circuit protection, over temperature protection, over current protection, leading
edge blanking, VCC under voltage lockout, VCC clamp, GATE clamp, etc.
VCC is supplied by transformer auxiliary winding output. The output of UTC UPSL101 is shutdown when VCC drops
below UVLO (ON) and the power converter enters power on start-up sequence thereafter.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com