Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV596 Datasheet(PDF) 2 Page - Motorola, Inc

Part # TPV596
Description  UHF LINEAR POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TPV596 Datasheet(HTML) 2 Page - Motorola, Inc

  TPV596 Datasheet HTML 1Page - Motorola, Inc TPV596 Datasheet HTML 2Page - Motorola, Inc TPV596 Datasheet HTML 3Page - Motorola, Inc TPV596 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPV596A
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued
Characteristic
Unit
Max
Typ
Min
Symbol
FUNCTIONAL TESTS
Common–Emitter Amplifier Power Gain
(VCE = 20 V, Pout = 0.5 W, f = 860 MHz, IE = 0.22 A)
GPE
11.5
12
—
dB
Load Mismatch
(VCE = 20 V, Pout = 1.0 W, IE = 0.22 A, f = 860 MHz,
Load VSWR =
∞:1, All Phase Angles)
ψ
No Degradation in Output Power
Intermodulation Distortion, 3 Tone
(f = 860 MHz, VCE = 20 V, IE = 0.22 A, Pref = 1.0 W,
Vision Carrier = – 8.0 dB, Sound Carrier = –7.0 dB,
Sideband Signal = –16 dB, Specification TV05001)
IMD1
—
—
– 50
dB
Intermodulation Distortion (IDEM)
(f = 860 MHz, VCE = 20 V, IE = 0.22 A, Pref = 0.5 W,
Vision Carrier = – 8.0 dB, Sound Carrier = –10 dB,
Sideband Signal = –16 dB)
IMD2
—
– 60
– 58
dB
Figure 1. Power Output versus Power Input
Figure 2. Large Signal Impedances
VCE = 20 V — IC = 220 mA
Figure 3. MTTF Factor versus Junction
Temperature
Figure 4. DC Safe Operating Area
ZOL* = Conjugate of the optimum load impedance into which the
device output operates at a given output power, voltage and
frequency.
100
TJ, JUNCTION TEMPERATURE (°C)
120
140
160
180
200
1
80
0.1
0.01
0.001
Pin, INPUT POWER (mW)
20
3
40
60
80
100
120
140
2.5
2
1.5
1
0.5
0
6
4
2
4
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
8
8
12
16
20
24
NOTE: DIVIDE MTTF BY IC2 TO
NOTE: OBTAIN METAL LIFE
f = 860 MHz
VCE = 20 V
IC = 220 mA
IDEAL
REAL
THEATSINK = 70°C
0
0.2
0.4
0.6
0.8
1
1.5
2
3
4
5
10
0
10
3
4
5
2
1.5
1
0.8
0.6
0.4
0.2
0.6
0.4
f = 1 GHz
Zin
0.8
f = 1 GHz
ZOL*
0.4
0.6
0.4
0.6
1
1.5
2
3
4
5
10
TYPICAL CHARACTERISTICS
0.8
0.8
0.1
0.2
Zo = 50 Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com