Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV596 Datasheet(PDF) 3 Page - Motorola, Inc

Part # TPV596
Description  UHF LINEAR POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TPV596 Datasheet(HTML) 3 Page - Motorola, Inc

  TPV596 Datasheet HTML 1Page - Motorola, Inc TPV596 Datasheet HTML 2Page - Motorola, Inc TPV596 Datasheet HTML 3Page - Motorola, Inc TPV596 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TPV596A
MOTOROLA RF DEVICE DATA
Figure 5. 860 MHz Test Circuit
Figure 6. Class A Bias Circuit
VBIAS
VCE
IN
50 OHM
OUT
50 OHM
C
C
L
220 pF
0.8 – 10 pF
0.8 – 10 pF
15
λg
50
Ω
50
Ω
220 pF
C
C
L
50
Ω
3%
λg
VSUPPLY = 20 – 25 V
R4
R1
R2
R3
R5
2N2904
VBIAS
VCE
1N4007
C
C — 100 F + 10 nF + 1.0 nF
R1 — 1.0 kohm
R2 — 330 ohm
R3 — 4.7 kohm
R4 — 10 ohm 1/2 W
R5 — 50 ohm
NOTE:
lg is the wave length in the microstrip circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com