Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

122425 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 122425
Description  TNC COAXIAL CONNECTORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122425 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  122425 Datasheet HTML 1Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 2Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 3Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 4Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 5Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
122387 11 Nickel/Gold Teflon
50
N/A
122386 10 Nickel/Gold Teflon
50
N/A
122386HEX
10 Nickel/Gold Teflon
50
N/A
HEX COUPLING NUT
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT SOLDER PLUG — SEMI-RIGID CABLE
122116
05 Nickel
Delrin
50
B
122395
05 Nickel
Teflon
50
B
HIGH FREQUENCY
122375 05A Nickel
Delrin
50
B
122117
06 Nickel
Delrin
75
B
122447 06A Nickel
Delrin
75
B
122457
16 Nickel
Teflon
75
B
Remark: With teflon sleeve, Hex. crimp size .178"
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP PLUG — MINIATURE CABLE
PLUG CRIMP ATTACHMENTS FOR FLEXIBLE AND SEMI-RIGID CABLE
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
98
For Cable Group Legend, see page 97
122387
122386
122112
02 Nickel
Delrin
50
A
122114
04 Nickel
Delrin
50
A
122115
04 Nickel
Delrin
75
A
122472 04A Nickel
Delrin
75
A
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
STRAIGHT CRIMP PLUG — PLENUM CABLE
TNC.4
11/27/01
4:55 PM
Page 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com