Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

122425 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 122425
Description  TNC COAXIAL CONNECTORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122425 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  122425 Datasheet HTML 1Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 2Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 3Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 4Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 5Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 6Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 7Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 8Page - List of Unclassifed Manufacturers 122425 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TNC COAXIAL CONNECTORS
95
The Connex TNC connectors are made to a high quality level. Medium size coaxial
connectors with thread coupling. 50 ohm impedance for applications up to 11 GHz and
75 ohm impedance up to 1 GHz. Cable entires full crimp or clamp type with soldered or
crimp center contact.
75 OHM SERIES
Within the internationally standardized TNC mating face dimensions, a perfect 75 ohm
characteristic impedance cannot be realized. However, at frequencies up to 1 GHz, the
small impedance deviation is negligible for practical applications. A typical SWR of 1.15:1
at 1 GHz is achieved.
All 75 ohm TNC connectors and 50 ohm TNC connectors are intermateable.
Note: Silverplated bodies are available by adding “S” to end of part number. Nexcote (white
bronze) plating with no nickel under body or center contact is available by adding
“NEX” to end of part number.
Impedance
50 ohm
75 ohm
Frequency Range
0–11 GHz
0–1 GHz
Working Voltage
500 Volts rms.
500 Volts rms.
Dielectric Withstanding Voltage
1500 Volts rms.
1500 Volts rms.
VSWR
1.3 max. 0–11 GHz
1.05 + 0.1f (GHz) DC to 1 GHz
Contact Resistance
Center contact 1.5 milliohm
Center contact 1.5 milliohm
Outer contact 0.2 milliohm
Outer contact 0.2 milliohm
Insulation Resistance
5000 megohms (min)
5000 megohms (min)
PARTS NAME
MATERIAL
FINISH
Center
Male
Brass
Gold or Silver plated
Contact
Female
Phosphor Bronze (nominal) or
Gold or Silver plated
Beryllium Copper
Metal parts
Brass
Nickel*
Insulators
Teflon, Delrin, PBT polyester
None
Clamp gaskets
Silicone rubber, Synthetic rubber
None
Crimp ferrule
Annealed copper
Nickel*
ELECTRICAL SPECIFICATIONS
MATERIAL SPECIFICATIONS
TNC.4
11/27/01
4:55 PM
Page 95


Similar Part No. - 122425

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1224252 PHOENIX-1224252 Datasheet
2Mb / 9P
SAC-5P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224256 PHOENIX-1224256 Datasheet
2Mb / 9P
SAC-5P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results

Similar Description - 122425

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
305 FILTRONIC-305 Datasheet
380Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
COAXIAL CONNECTORS
logo
Amphenol Corporation
031-5684 AMPHENOL-031-5684 Datasheet
2Mb / 8P
TNC Connectors
logo
API Technologies Corp
344F APITECH-344F Datasheet
692Kb / 2P
ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
344AF APITECH-344AF Datasheet
688Kb / 2P
ROTARY J OINTS SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
305W APITECH-305W Datasheet
629Kb / 2P
SINGLE CHANNEL COAXIAL, N & TNC CONNECTORS
logo
TE Connectivity Ltd
108-12001 TEC-108-12001 Datasheet
884Kb / 13P
TNC Series Coaxial Connectors Dual Crimp Type
logo
Rosenberger Hochfrequen...
56K405-500N5 ROSENBERGER-56K405-500N5 Datasheet
82Kb / 2P
TNC 50 PANEL JACK COAXIAL END
logo
API Technologies Corp
1591 APITECH-1591 Datasheet
511Kb / 1P
TNC Connectors
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com