Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR150 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MBR150
Description  1A SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MBR150 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MBR150 Datasheet HTML 1Page - Digitron Semiconductors MBR150 Datasheet HTML 2Page - Digitron Semiconductors MBR150 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MBR150-MBR160
1A SCHOTTKY RECTIFIER
MAXIMUM RATINGS
Rating
Symbol
MBR150
MBR160
Unit
Peak repetitive reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
50
60
V
RMS reverse voltage
VR(RMS)
35
42
V
Average rectified forward current (1) (VR(equiv) ≤ 0.2VR(dc),
R
ӨJA = 80°C/W, PC board mounting, TA = 55°C)
Io
1 @ TC = 90°C
A
Non-repetitive peak surge current (TA = 70°C)
(surge applied at rated load conditions, halfwave, single phase, 60Hz)
IFSM
25
A
Operating junction and storage temperature range
TJ, Tstg
-65 to +150
°C
Maximum thermal resistance
Junction to ambient
R
ӨJA
80
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR150
MBR160
Unit
Instantaneous forward voltage (2)
(IF = 0.1A)
(IF = 1.0A)
(IF = 3.0A)
VF
0.550
0.750
1.000
V
Instantaneous reverse current (2)
(Rated dc voltage, TC = 25°C)
(Rated dc voltage, TC = 100°C)
IR
0.5
5.0
mA
Note 1: Lead temperature reference is cathode lead 1/32” from case.
Note 2: Pulse test: Pulse width = 300µs, duty cycle ≤ 2.0%.
MECHANICAL CHARACTERISTICS
Case
DO-41
Marking
Body painted, alpha-numeric
Polarity
Cathode band
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121205


Similar Part No. - MBR150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
ON Semiconductor
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
Vishay Siliconix
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
Schottky Rectifier, 1 A
06-Nov-08
logo
SynSemi, Inc.
MBR150 SYNSEMI-MBR150 Datasheet
36Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Pan Jit International I...
MBR150 PANJIT-MBR150 Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR150

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB120G KODENSHI-SDB120G Datasheet
247Kb / 5P
20V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B-1 KODENSHI-SDB130B-1 Datasheet
233Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
logo
Digitron Semiconductors
MUR170E DIGITRON-MUR170E Datasheet
177Kb / 3P
1A SCHOTTKY RECTIFIER
MUR105 DIGITRON-MUR105 Datasheet
205Kb / 3P
1A SCHOTTKY RECTIFIER
logo
Chip Integration Techno...
CB140WG-S CITC-CB140WG-S Datasheet
504Kb / 4P
1A Trench Schottky Rectifier
CB140W-S CITC-CB140W-S Datasheet
504Kb / 4P
1A Trench Schottky Rectifier
logo
Diodes Incorporated
SDM1U100S1F DIODES-SDM1U100S1F Datasheet
390Kb / 5P
1A SCHOTTKY BARRIER RECTIFIER
Rev 4
SDM1100LP DIODES-SDM1100LP Datasheet
438Kb / 5P
1A SCHOTTKY BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com